Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 74 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 74 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 70Page - Analog Devices LTC6952 Datasheet HTML 71Page - Analog Devices LTC6952 Datasheet HTML 72Page - Analog Devices LTC6952 Datasheet HTML 73Page - Analog Devices LTC6952 Datasheet HTML 74Page - Analog Devices LTC6952 Datasheet HTML 75Page - Analog Devices LTC6952 Datasheet HTML 76Page - Analog Devices LTC6952 Datasheet HTML 77Page - Analog Devices LTC6952 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
LTC6952
74
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL APPLICATIONS
1µF
61.9Ω
1µF
100Ω
33nF
22nF
48.7Ω
1.2µF
48.7Ω
0.1µF
75Ω
30Ω
0.1µF
0.47µF
1µF
100Ω
100Ω
1µF
1µF
OUT0+
OUT0–
OUT1+
OUT1–
OUT2+
OUT2–
OUT10+
OUT10–
OUT3+
OUT3–
OUT4+
OUT4–
OUT5+
OUT5–
OUT6+
OUT6–
OUT7+
OUT7–
OUT8+
OUT8–
OUT9+
OUT9–
LTC6953
IN+
IN–
EZS_SRQ
+
EZS_SRQ
–
Crystek
CCHD-575-25-100
100MHz Ref Osc
TO DAUGHTER
CARD #2
STAGE 1
STAGE 2
CP
Crystek
CVCO55CC-
4000-4000
VCO+
VCO–
VTUNE
OUT0+
OUT0–
OUT1+
OUT1–
OUT2+
OUT2–
OUT10+
OUT10–
OUT3+
OUT3–
OUT4+
OUT4–
OUT5+
OUT5–
OUT6+
OUT6–
OUT7+
OUT7–
OUT8+
OUT8–
OUT9+
OUT9–
LTC6952
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
500MHz CLOCK
500MHz CLOCK
4GHz CLOCK
4GHz CLOCK
125MHz CLOCK
100MHz CLOCK
DAUGHTER CARD #1
DAUGHTER CARD #2
DAUGHTER CARD #3
DAUGHTER CARD #4
DAUGHTER CARD #5
100MHz REF CLK
SSRQ PASS THRU
TO DAUGHTER
CARD #3
TO DAUGHTER
CARD #4
TO DAUGHTER
CARD #5
REF+
REF-
EZS_SRQ+
EZS_SRQ–
Initial Setup: Program LTC6952 and LTC6953 registers settings created
from the LTC6952Wizard.
Step 1: Synchronize Stage 1 Reference Signals
A) EZSync: toggle Stage 1 LTC6953 SSRQ bit
B) OPT: Fine Alignment, adjust Stage 1 ADEL bits
Step 2: Synchronize Stage 2 Output Signals
A) Set Stage 1 LTC6953 SRQMD=1
B) ParallelSync, Toggle Stage 1 LTC6953 SSRQ bit
Step 3: Send SYSREF Request
A) Power Up LTC6952 SYSREF outputs
B) Set LTC6952 SRQMD=1
C) SEND SYSREF, Toggle Stage 1 LTC6953 SSRQ bit
Step 4: Optional Reduce Power
A) Power Down LTC6952 SYSREF outputs
B) Set Stage 1 LTC6953 & LTC6952 SRQMD=0
6952 TAO3
ParallelSync Multi-Chip Synchronization with Request Passthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com