Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 21Page - Analog Devices LTC6952 Datasheet HTML 22Page - Analog Devices LTC6952 Datasheet HTML 23Page - Analog Devices LTC6952 Datasheet HTML 24Page - Analog Devices LTC6952 Datasheet HTML 25Page - Analog Devices LTC6952 Datasheet HTML 26Page - Analog Devices LTC6952 Datasheet HTML 27Page - Analog Devices LTC6952 Datasheet HTML 28Page - Analog Devices LTC6952 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
LTC6952
25
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
Table 15. Output Behavior in SYSREF Generation Mode
(SRQMD = 1)
SRQENx
MODEx
Output Behavior
0
0
Free Run, Ignore SYSREQ
1, 2, or 3
Muted, Ignore SYSREQ
1
0
Free Run, Ignore SYSREQ
1
Gated pulses: Run on SYSREQ High, Mute on
Low
2
SYSREQ Pass Through
3
Output 2SYSCT Pulses After SYSREQ Goes High
Table 16. Settings of EZMD and PARSYNC for Different Syn-
chronization Topologies
Control
Bit
EZSync
Standalone
(see Figure 10)
EZSync Multi-Chip
(see Figure 11 and Figure 12)
ParallelSync
Multi-Chip
(see Figure 13
and Figure 14)
CONTROLLER
FOLLOWER
PARSYNC
0
0
0
1
EZMD
0
0
1
0
Table 17. Parameters and Limitations of EZSync and ParallelSync (Two Stages Only)
EZSync
Standalone
(see Figure 10)
EZSync Multi-Chip
ParallelSync Multi-Chip
Pin Controlled Requests
(see Figure 11)
Request Passthough
(see Figure 12)
General
Reference
Distribution
(see Figure 13)
LTC6952
Reference
Distribution
(see Figure 14)
Controller
Follower
Controller
Follower
RMS Jittera
~75fs
~75fs
~105fs
~75fs
~105fs
~75fs
~75fs
Possible Number of Followers (Nfol)
-
1 to 11
1 to 5
-
-
Possible Number of Parallel Parts
(Npar)
-
-
-
Unlimitedb
1 to 5
Total Number of Outputs
11
11 - Nfol
11 · Nfol
11 – 2Nfol
11 · Nfol
11 · Npar
11 · Npar
Maximum Number of Outputs
11
121
56
Unlimitedb
55
Maximum Skew
tSKEW
~ tSKEW + tPDc
~ tSKEW + tPDc
~tSKEWd
~tSKEWd
SYNC Timing
Easy
Easy
Easy
Moderate
Easy
SYSREF Request Timing
Easy
Moderate
Easy
Moderate
Easy
Number of External VCOs
1
1
1
Npar
Npar
Software SYNC/SYSREF Request?
Yes
No
Yes
No
Yes
a Assumes ADC SNR equivalent integrated PLL/VCO RMS jitter contribution of 27fs and additive jitter for distribution-only parts of 70fs.
b The only limitation is the ability to distribute the reference accurately.
c Assumes worst case skew between controller and follower outputs. Dependent on propagation delay of follower and skew of controller-to-follower routing.
d Dependent on skew of reference distribution parts, reference routing, and individual part-to-part skew.
Multi-Chip Synchronization and SYSREF Generation
Using one LTC6952 in EZSync Standalone configuration
(Figure 10), up to eleven clock signals or SYSREFs can
be generated and synchronized. For applications requiring
more than eleven clock outputs, the LTC6952 supports
two methods of multi-chip synchronization and SYSREF
generation: EZSync Multi-Chip and ParallelSync. The
synchronization configuration is determined by bits EZMD
and PARSYNC, and their required settings are shown in
Table 16. Table 17 introduces the important attributes
of these methods and their variants, with further details
provided in the following paragraphs. Note that this table
only refers to two-stage applications. Many more outputs
are possible by using more stages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com