Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 62 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 62 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 58Page - Analog Devices LTC6952 Datasheet HTML 59Page - Analog Devices LTC6952 Datasheet HTML 60Page - Analog Devices LTC6952 Datasheet HTML 61Page - Analog Devices LTC6952 Datasheet HTML 62Page - Analog Devices LTC6952 Datasheet HTML 63Page - Analog Devices LTC6952 Datasheet HTML 64Page - Analog Devices LTC6952 Datasheet HTML 65Page - Analog Devices LTC6952 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
LTC6952
62
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Charge Pump Function and Current Programming
For the parallel LTC6952s, disable all the charge pump
functions (CPMID, CPWIDE, CPRST, CPUP, CPDN, and
CPINV), allowing the loop to lock. Using Table 6 with the
previously selected ICP of 11.2mA gives CP[4:0] = h13.
SYNC and SYSREF Global Modes Programming
Bit EZMD controls whether the IC is an EZSync standalone/
controller (“0”) or follower (“1”). Since this example is a
ParallelSync application, set bit EZMD to “0”. Bit SRQMD
determines if the part is in synchronization mode (“0”) or
SYSREF request mode (“1”). SYSCT programs the number
of pulses for any output in pulsed SYSREF mode (# pulses
= 2SYSCT, so SYSCT = 2 to achieve four pulses for this
example). Combining this information with the previously
determined charge pump controls, registers h0A and h0B
can be programmed:
REF LTC6953 Reg0A = N/A
REF LTC6953 Reg0B = h04
LTC6952 #1 Reg0A = h13
LTC6952 #1 Reg0B = h04
LTC6952 #2 Reg0A = h13
LTC6952 #2 Reg0B = h04
Note that the SSRQ bits will remain “0”.
Output Divider, Delay and Function Programming
Four registers for each output allow the outputs to be
configured independently of each other. The first register
controls the output divide ratio through two control words,
MPx and MDx, as described in Equation 1.
The second register contains the control modes and the
most significant bits of the digital delay control word. The
third register contains the remainder of the digital delay
control word, and the fourth register is the analog delay.
Both the analog delay and the output invert (OINVx) bits
can be used to correct PC board layout issues such as mis-
matched trace lengths and differential signal crossovers,
respectively. Note that the use of analog delay on clock
signals will degrade jitter performance. For this example,
assume the PC board is laid out in an ideal manner and
no output inversions or analog delays are needed. With
this information all of registers h0C through h37 for all
ICs can be programmed using the information in Table
30, Table 31 (with Equation 1), and Table 32.
Reference Synchronization
In applications where the output divider values of the
reference clock outputs are greater than one, it is nec-
essary to synchronize the distributed reference signals
before synchronizing the parallel LTC6952s. To do this,
the SRQEN bits of the valid outputs on the reference
distribution LTC6953 are set to “1”, and SRQMD is set
to “0”. Set the SSRQ bit in Reg0B of the REF LTC6952 to
perform the synchronization (or drive the EZS_SRQ input
to the high state):
REF LTC6953 Reg0B = h05
After waiting a minimum of 1ms, write Reg0B again (or
drive the EZS_SRQ input to the low state):
REF LTC6953 Reg0B = h04
Note that synchronizing the REF LTC6953 will cause the
parallel LTC6952s to lose lock temporarily. Allow sufficient
lock time for the parallel LTC6952s before synchronizing
them.
At this point, the reference outputs are synchronized and
must continue to run during the synchronization of the
parallel parts. To ensure this, set the SRQEN bits of the two
reference clock outputs to “0”. Also set the SRQMD bit to
“1” to allow passthrough retiming to the reference clocks.
REF LTC6953 Reg0D = h00
REF LTC6953 Reg15 = h00
REF LTC6953 Reg0B = h0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com