Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 61 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 61 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 57Page - Analog Devices LTC6952 Datasheet HTML 58Page - Analog Devices LTC6952 Datasheet HTML 59Page - Analog Devices LTC6952 Datasheet HTML 60Page - Analog Devices LTC6952 Datasheet HTML 61Page - Analog Devices LTC6952 Datasheet HTML 62Page - Analog Devices LTC6952 Datasheet HTML 63Page - Analog Devices LTC6952 Datasheet HTML 64Page - Analog Devices LTC6952 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
LTC6952
61
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Status Register Programming
This example will use the STAT pin to alert the system
whenever the ICs generate a fault condition. For the
two parallel LTC6952s, program x[5], x[3], x[1] = 1
to force the STAT pin high whenever any of the LOCK,
VCOOK, or REFOK flags asserts. The REF LTC6953 only
needs x[3] = 1 because it does not have a PLL:
REF LTC6953 Reg01 = h08
LTC6952 #1 Reg01 = h2A
LTC6952 #2 Reg01 = h2A
Power and FILT Register Programming
For correct PLL operation on the three ICs, all internal
blocks should be enabled. Additionally, the REF and VCO
input signals have sufficient slew rate and power to not
need the FILT or BST bits:
REF LTC6953 Reg02 = h00
LTC6952 #1 Reg02 = h00
LTC6952 #2 Reg02 = h00
Output Power-Down Programming
During initial setup and synchronization, all used outputs
and the SRQ circuitry should be set to full power. These
bits will be used later to place the ICs in a lower power
mode while waiting for SYSREF requests:
REF LTC6953 Reg03 = h00
REF LTC6953 Reg04 = hFF
REF LTC6953 Reg05 = h3F
LTC6952 #1 Reg03 = h03
LTC6952 #1 Reg04 = h00
LTC6952 #1 Reg05 = h0C
LTC6952 #2 Reg03 = h03
LTC6952 #2 Reg04 = h00
LTC6952 #2 Reg05 = h00
APPLICATIONS INFORMATION
RAO and PARSYNC Programming
PARSYNCshouldbesetto“1”forthetwoparallelLTC6952s.
Also, set RAO to “1” for the two parallel LTC6952s as this
will minimize chip-to-chip skew. A slight degradation of
in-band PLL noise will result from setting RAO to “1”.
Lock Detect Programming
Next, determine the lock indicator window from fPFD.
From Table 4 we see that LKWIN = 0 with a tLWW of 3ns.
The LTC6952 will consider the loop “locked” as long as
the phase coincidence at the PFD is within ±3ns, or 133°
as calculated below.
phase = 360° • tLWW • fPFD
= 360° • 3n • 122.88M
≈ 133°
Larger values of COUNTS lead to more accurate and stable
lock indications at the expense of longer lock indication
times. A COUNTS value of 2048 will work for this applica-
tion. From Table 5, LKCT[1:0] = 3 for 2048 counts.
R and N Divider Programming
For the reference LTC6953, the R and N values are ir-
relevant as there is no PLL. The previously determined
R and N divider values for the two parallel LTC6952s are
1 and 24, respectively. Using these values and the RAO,
PARSYNC, and lock detector values, registers 6 through
9 can be programmed for the parallel LTC6952s:
LTC6952 #1 Reg06 = hCC
LTC6952 #1 Reg07 = h01
LTC6952 #1 Reg08 = h00
LTC6952 #1 Reg09 = h18
LTC6952 #2 Reg06 = hCC
LTC6952 #2 Reg07 = h01
LTC6952 #2 Reg08 = h00
LTC6952 #2 Reg09 = h18
Note that registers 6 through 9 for the REF LTC6953 are
not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com