Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 37 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 37 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 33Page - Analog Devices LTC6952 Datasheet HTML 34Page - Analog Devices LTC6952 Datasheet HTML 35Page - Analog Devices LTC6952 Datasheet HTML 36Page - Analog Devices LTC6952 Datasheet HTML 37Page - Analog Devices LTC6952 Datasheet HTML 38Page - Analog Devices LTC6952 Datasheet HTML 39Page - Analog Devices LTC6952 Datasheet HTML 40Page - Analog Devices LTC6952 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
LTC6952
37
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
INTRODUCTION
A PLL is a complex feedback system that may concep-
tually be considered a frequency multiplier. The system
multiplies the frequency input at REF± up to the VCO fre-
quency. The PFD, charge pump, N divider, VCO, and loop
filter form a feedback loop to accurately control the VCO
frequency (see Figure 24). The R divider, output dividers
(Mx), and input frequency fREF are used to set the output
frequency value and resolution, and the external loop filter
is used to set the PLL’s loop bandwidth, BW.
APPLICATIONS INFORMATION
75Ω
30Ω
10nF
10nF
Cp
CI
RZ
C2
R1
VCO–
VCO+
REF
CP
M0 DIV, DDEL,
and ADEL
RDIV
NDIV
KPFD
OUT0
OUT10
M10 DIV, DDEL,
and ADEL
KVCO
LF(s)
M1 DIV, DDEL,
and ADEL
OUT1
LTC6952
(fOUT0)
(fOUT1)
(fOUT10)
fREF
fPFD
(fVCO)
ICP
÷R
÷N
÷M0
÷M1
÷M10
6952 F24
Figure 24. PLL Loop Diagram
OUTPUT FREQUENCY
When the loop is locked, the frequency fVCO (in Hz)
produced at the output of the VCO is determined by the
reference frequency fREF, and the R and N divider values,
given by Equation 3:
fVCO = fREF • N/R
(3)
The PFD frequency fPFD is given by the following equation:
fPFD = fREF/R
(4)
and fVCO may be alternatively expressed as:
fVCO = fPFD • N
(5)
or
N = fVCO/fPFD
(6)
The output frequency fOUTx produced at the output of the
Mx dividers is given by Equation 7:
fOUTx = fVCO/Mx
(7)
Using Equation 3 and Equation 7, the output frequency
resolution fSTEPx produced by a unit change in N is given
by Equation 8:
fSTEPx = fREF/(R • Mx)
(8)
LOOP FILTER DESIGN
A stable PLL system requires care in designing the external
loop filter. Optimum phase noise and spurious performance
can be obtained by using the third-order loop filter shown
in Figure 24.
The loop design should use the following algorithm:
1. Determine the output frequencies fOUTx based on ap-
plication requirements. Using Equation 3, Equation
4, and Equation 7, change fREF, N, R and Mx until the
application frequency constraints are met. Use the
minimum R value that still satisfies the constraints.
2. Select the open loop bandwidth BW constrained by
fPFD. A stable loop requires that BW is less than fPFD
by at least a factor of 10.
3. Select loop filter component RZ and charge pump cur-
rent ICP based on BW and the VCO gain factor, KVCO.
BW (in Hz) is approximated by the following equation:
BW
≅ ICP • RZ • KVCO/(2 • π • N)
(9)
or
RZ = (2 • π • BW • N )/(ICP • KVCO )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com