Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 33 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 33 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 29Page - Analog Devices LTC6952 Datasheet HTML 30Page - Analog Devices LTC6952 Datasheet HTML 31Page - Analog Devices LTC6952 Datasheet HTML 32Page - Analog Devices LTC6952 Datasheet HTML 33Page - Analog Devices LTC6952 Datasheet HTML 34Page - Analog Devices LTC6952 Datasheet HTML 35Page - Analog Devices LTC6952 Datasheet HTML 36Page - Analog Devices LTC6952 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
LTC6952
33
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
Table 19. Serial Port Register Contents
ADDR
MSB
[6]
[5]
[4]
[3]
[2]
[1]
LSB
R/W
DEFAULT
h00
UNLOCK
LOCK
LOCK
VCOOK
VCOOK
REFOK
REFOK
R
h01
INVSTAT
x[6]
x[5]
x[4]
x[3]
x[2]
x[1]
x[0]
R/W
hAA
h02
PDALL
PDPLL
PDVCOPK
PDREFPK
BST
FILTR
FILTV
POR
R/W
h08
h03
PD3[1]
PD3[0]
PD2[1]
PD2[0]
PD1[1]
PD1[0]
PD0[1]
PD0[0]
R/W
h00
h04
PD7[1]
PD7[0]
PD6[1]
PD6[0]
PD5[1]
PD5[0]
PD4[1]
PD4[0]
R/W
h00
h05
TEMPO
0
PD10[1]
PD10[0]
PD9[1]
PD9[0]
PD8[1]
PD8[0]
R/W
h00
h06
RAO
PARSYNC
0
LKWIN
LKCT[1]
LKCT[0]
RD[9]
RD[8]
R/W
h0C
h07
RD[7]
RD[6]
RD[5]
RD[4]
RD[3]
RD[2]
RD[1]
RD[0]
R/W
h01
h08
ND[15]
ND[14]
ND[13]
ND[12]
ND[11]
ND[10]
ND[9]
ND[8]
R/W
h00
h09
ND[7]
ND[6]
ND[5]
ND[4]
ND[3]
ND[2]
ND[1]
ND[0]
R/W
h2D
h0A
CPRST
CPUP
CPDN
CP[4]
CP[3]
CP[2]
CP[1]
CP[0]
R/W
h93
h0B
CPMID
CPWIDE
CPINV
EZMD
SRQMD
SYSCT[1]
SYSCT[0]
SSRQ
R/W
h86
h0C
MP0[4]
MP0[3]
MP0[2]
MP0[1]
MP0[0]
MD0[2]
MD0[1]
MD0[0]
R/W
h00
h0D
SRQEN0
MODE0[1]
MODE0[0]
OINV0
DDEL0[11]
DDEL0[10]
DDEL0[9]
DDEL0[8]
R/W
h00
h0E
DDEL0[7]
DDEL0[6]
DDEL0[5]
DDEL0[4]
DDEL0[3]
DDEL0[2]
DDEL0[1]
DDEL0[0]
R/W
h00
h0F
ADEL0[5]
ADEL0[4]
ADEL0[3]
ADEL0[2]
ADEL0[1]
ADEL0[0]
R/W
h00
h10
MP1[4]
MP1[3]
MP1[2]
MP1[1]
MP1[0]
MD1[2]
MD1[1]
MD1[0]
R/W
h00
h11
SRQEN1
MODE1[1]
MODE1[0]
OINV1
DDEL1[11]
DDEL1[10]
DDEL1[9]
DDEL1[8]
R/W
h00
h12
DDEL1[7]
DDEL1[6]
DDEL1[5]
DDEL1[4]
DDEL1[3]
DDEL1[2]
DDEL1[1]
DDEL1[0]
R/W
h00
h13
ADEL1[5]
ADEL1[4]
ADEL1[3]
ADEL1[2]
ADEL1[1]
ADEL1[0]
R/W
h00
h14
MP2[4]
MP2[3]
MP2[2]
MP2[1]
MP2[0]
MD2[2]
MD2[1]
MD2[0]
R/W
h00
h15
SRQEN2
MODE2[1]
MODE2[0]
OINV2
DDEL2[11]
DDEL2[10]
DDEL2[9]
DDEL2[8]
R/W
h00
h16
DDEL2[7]
DDEL2[6]
DDEL2[5]
DDEL2[4]
DDEL2[3]
DDEL2[2]
DDEL2[1]
DDEL2[0]
R/W
h00
h17
ADEL2[5]
ADEL2[4]
ADEL2[3]
ADEL2[2]
ADEL2[1]
ADEL2[0]
R/W
h00
h18
MP3[4]
MP3[3]
MP3[2]
MP3[1]
MP3[0]
MD3[2]
MD3[1]
MD3[0]
R/W
h00
h19
SRQEN3
MODE3[1]
MODE3[0]
OINV3
DDEL3[11]
DDEL3[10]
DDEL3[9]
DDEL3[8]
R/W
h00
Multidrop Configuration
Several LTC6952s may share the serial bus. In this
multidrop configuration, SCLK, SDI, and SDO are com-
mon between all parts. The serial bus master must use a
separate CS for each part and ensure that only one device
has CS asserted at any time. It is recommended to attach
a high-value resistor to SDO to ensure the line returns to
a known level during Hi-Z states.
Serial Port Registers
The memory map of the LTC6952 may be found in Table
19, with detailed bit descriptions found in Table 20. The
register address shown in hexadecimal format under the
“ADDR” column is used to specify each register. Each
register is denoted as either read-only (R) or read-write
(R/W). The register’s default value on device power-up or
after a reset is shown at the right.
Note that bit 6 in register h05 and bit 5 in register h06
MUST ALWAYS be set to 0.
The read-only register at address h00 is used to determine
different status flags. These flags may be instantly output
on the STAT pin by configuring register h01. See “STAT
Output” section below for more information.
The register at address h38 is a read-only byte for device
identification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com