Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 31 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 31 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 27Page - Analog Devices LTC6952 Datasheet HTML 28Page - Analog Devices LTC6952 Datasheet HTML 29Page - Analog Devices LTC6952 Datasheet HTML 30Page - Analog Devices LTC6952 Datasheet HTML 31Page - Analog Devices LTC6952 Datasheet HTML 32Page - Analog Devices LTC6952 Datasheet HTML 33Page - Analog Devices LTC6952 Datasheet HTML 34Page - Analog Devices LTC6952 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
LTC6952
31
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
Single Byte Transfers
The serial port is arranged as a simple memory map, with
status and control available in 56, byte-wide registers. All
data bursts are comprised of at least two bytes. The 7 most
significant bits of the first byte are the register address,
with an LSB of “1” indicating a read from the part, and
LSB of “0” indicating a write to the part. The subsequent
byte, or bytes, is data from/to the specified register ad-
dress. See Figure 18 for an example of a detailed write
sequence, and Figure 19 for a read sequence.
Figure 20 shows an example of two write communication
bursts. The first byte of the first burst sent from the serial
bus master on SDI contains the destination register ad-
dress (ADDRX) and an LSB of “0” indicating a write. The
next byte is the data intended for the register at address
ADDRX. CS is then taken high to terminate the transfer.
The first byte of the second burst contains the destination
register address (ADDRY) and an LSB indicating a write.
The next byte on SDI is the data intended for the register
at address ADDRY. CS is then taken high to terminate the
transfer.
A6 A5 A4 A3 A2
7-BIT REGISTER ADDRESS
Hi-Z
MASTER–CS
MASTER–SCLK
MASTER–SDI
LTC6952–SD0
A1 A0
0 D7 D6 D5 D4 D3 D2 D1 D0
8 BITS OF DATA
0 = WRITE
6952 F18
16 CLOCKS
A6 A5 A4 A3 A2
7-BIT REGISTER ADDRESS
Hi-Z
Hi-Z
A1 A0
1
D7
X
D6 D5 D4 D3 D2 D1 D0 DX
8 BITS OF DATA
1 = READ
6952 F19
MASTER–CS
MASTER–SCLK
MASTER–SDI
LTC6952–SDO
16 CLOCKS
Figure 18. Serial Port Write Sequence
Figure 19. Serial Port Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com