Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 35 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 35 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 31Page - Analog Devices LTC6952 Datasheet HTML 32Page - Analog Devices LTC6952 Datasheet HTML 33Page - Analog Devices LTC6952 Datasheet HTML 34Page - Analog Devices LTC6952 Datasheet HTML 35Page - Analog Devices LTC6952 Datasheet HTML 36Page - Analog Devices LTC6952 Datasheet HTML 37Page - Analog Devices LTC6952 Datasheet HTML 38Page - Analog Devices LTC6952 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
LTC6952
35
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
Table 20. Serial Port Register Bit Field Summary
BITS
DESCRIPTION
DEFAULT
ADDR
ADELx[5:0]
OUT0 Analog Delay Setting
0
Various
BST
REF Buffer Boost Current
1
h02
CP[4:0]
CP Output Current
h13
h0A
CPDN
Force CP Down
0
h0A
CPINV
Invert PFD Phase
0
h0B
CPMID
CP Bias to Mid-Rail
1
h0B
CPRST
CP Hi-Z
1
h0A
CPUP
Force CP Up
0
h0A
CPWIDE
Extend CP Pulse Width
0
h0B
DDELx[11:0]
OUTx Delay in ½ VCO Cycles
h000
Various
EZMD
EZSync Mode
0
h0B
FILTR
REF Input Buffer Filter
0
h02
FILTV
VCO Input Buffer Filter
0
h02
INVSTAT
Invert STAT Output
1
h01
LKCT[1:0]
PLL Lock Cycle Count:
0 = Disabled, 1 = 32 Counts,
2 = 256 Counts, 3 = 2048
Counts
h3
h06
LKWIN
PLL Lock Indicator Window:
0 = 3ns, 1 = 10ns
0
h06
LOCK
PLL Lock Indicator Flag
h00
LOCK
PLL Lock Indicator Flag Inverted
h00
MDx[2:0]
OUTx 2N Value
0
Various
MODEx[1:0]
SYSREF Mode (SRQENx=1):
0 = Free Run
1 = Gated Pulses
2 = Request Passthrough
3 = 2SYSCNT Pulses
0
Various
MPx[4:0]
OUTx Prescaler Value
h0
Various
ND[15:0]
N Divider Value
h002D
h08, h09
OINVx
OUTx Inversion
0
Various
PARSYNC
ParallelSync Timing Enable
0
h06
PART[3:0]
Part Code (h2 = 6952,
h3=6953)
h38
PDALL
Full Chip Power-Down
0
h02
PDPLL
Powers Down REF, R DIV, PFD,
CP, N DIV
0
h02
PDREFPK
Powers Down REF Input Signal
Detector
0
h02
PDVCOPK
Powers Down VCO Input Signal
Detector
0
h02
PDx[1:0]
OUTx Power-Down Mode:
0 = Normal Operation
1 = Output Muted to Logic “0”
2 = Power Down Output Driver
3 = Power Down Full Divider
h0
Various
POR
Force Power-on-Reset
0
h02
RAO
Enable REF Alignment to
Output Mode
0
h06
RD[9:0]
R Divider Value (RD[9:0] > 0)
1
h06,h07
REFOK
Reference Valid Flag
h00
REFOK
Reference Not Valid Flag
h00
REV[3:0]
Revision Code
h38
SRQENx
Enable SYNC or SYSREF on
OUTx
0
Various
SRQMD
0 - Synchronization Mode
1 - SYSREF Request Mode
0
h0B
SSRQ
Software SYNC or SYSREF
Request
0
h0B
SYSCT[1:0]
SYSREF pulse count for
MODEx=3:
0=One Pulse, 1=Two Pulses,
2=Four Pulses, 3=Eight Pulses
h3
h0B
TEMPO
Enable Temperature
Measurement Diode on STAT
h05
UNLOCK
PLL Unlock Flag
h00
VCOOK
VCO Valid Flag
h00
VCOOK
VCO Not Valid Flag
h00
x[6:0]
STAT Output or Mask
h2A
h01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com