Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 48 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 48 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 44Page - Analog Devices LTC6952 Datasheet HTML 45Page - Analog Devices LTC6952 Datasheet HTML 46Page - Analog Devices LTC6952 Datasheet HTML 47Page - Analog Devices LTC6952 Datasheet HTML 48Page - Analog Devices LTC6952 Datasheet HTML 49Page - Analog Devices LTC6952 Datasheet HTML 50Page - Analog Devices LTC6952 Datasheet HTML 51Page - Analog Devices LTC6952 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
LTC6952
48
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
JESD204B DESIGN EXAMPLE USING EZSync MULTI-
CHIP
This design example consists of a system of four JESD204B
analog-to-digital converters (ADCs), four JESD204B
digital-to-analog converters (DACs), and a JESD204B
compatible FPGA. All of the data converters (ADCs and
DACs) and the FPGA require JESD204B subclass 1 defined
device clocks and SYSREFs, and the FPGA requires an
extra management clock. Additionally, the ADCs require
a low noise clock of less than 100fs total RMS jitter. This
leads to a total of 19 separate signals to generate, with
M0
NDIV
RDIV
SYNC AND
SYSREF CTRL
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
REF
SSRQ BIT
M0
SYNC AND
SYSREF CTRL
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
SSRQ BIT
IN±
EZS_SRQ±
ADC0
SYSREF
CLK
ADC1
SYSREF
CLK
SYSREF
SYSREF
CLK
CLK
ADC2
ADC3
DEV CLK
SYSREF
MGMT CLK
FPGA
SYSREF
CLK
DAC3
SYSREF
SYSREF
SYSREF
CLK
CLK
CLK
DAC2
DAC1
DAC0
LTC6952
CONTROLLER
LTC6953
FOLLOWER
VCO
LF(s)
VCO±
EZS_SRQ±
INPUT/OUTPUT TERMINATIONS AND
AC COUPLING CAPS NOT SHOWN
6952 F32
frequencies listed below. For this example, the SYSREF
frequencies for all devices are the same and should output
four pulses upon a SYSREF request rising edge:
fADC-CLK = 500MHz
fDAC-CLK = 4000MHz
fFPGA-CLK = 125MHz
fFPGA-MGMT = 100MHz
fSYSREF = 12.5MHz
Figure 32. Block Diagram for JESD204B EZSync Multi-Chip Design Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com