Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 55 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 55 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 51Page - Analog Devices LTC6952 Datasheet HTML 52Page - Analog Devices LTC6952 Datasheet HTML 53Page - Analog Devices LTC6952 Datasheet HTML 54Page - Analog Devices LTC6952 Datasheet HTML 55Page - Analog Devices LTC6952 Datasheet HTML 56Page - Analog Devices LTC6952 Datasheet HTML 57Page - Analog Devices LTC6952 Datasheet HTML 58Page - Analog Devices LTC6952 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
LTC6952
55
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Putting the ICs into a Lower Power Mode (Optional)
If desired, both ICs can be placed into lower power modes
while awaiting a SYSREF request. This is achieved by set-
ting PDx = 2 for all SYSREF-defined outputs. This powers
down the output driver circuitry but leaves the internal
divider running and in the correct phase relationship to
the clocks.
Performing a SYSREF Request
To produce SYSREF pulses, write a “1” to SRQMD and
take the parts out of low power mode (if used) by writing
all the SYSREF output PDx bits to “0”. Wait 50µs to allow
APPLICATIONS INFORMATION
circuitry to power up. Send the SYSREF request by writing
a “1” to the CONTROLLER SSRQ bit in Reg0B:
CONTROLLER Reg0B = h05
After waiting a minimum of 1ms, write Reg0B again:
CONTROLLER Reg0B = h04
Place the ICs back into low power mode if desired by writing
a “0” to SRQMD and setting PDx = 2 for all SYSREF-defined
outputs. After the rising edge of the SYSREF request, the
SYSREF outputs will pulse four times and then return to a
“0” state as shown in Figure 34. Note that the FOLLOWER
SYSREF pulses may not start and stop at exactly the same
time as the CONTROLLER’s. This is not an issue, since the
SYSREF edges will still be aligned correctly.
ADC DEVICE CLOCKS
(OUT1, 3, 5 AND 7)
FOLLOWER DRIVER
(OUT8)
SYNC PASSTHROUGH
(OUT9)
tPD
ADC SYSREFs
(MUTED OUT0, 2, 4 AND 6)
DAC DEVICE CLOCKS
(OUT4, 6, 8 AND 10)
FOLLOWER OUTPUTS
CONTROLLER OUTPUTS
DAC SYSREFs
(MUTED OUT3, 5, 7 AND 9)
FPGA SYSREF
(MUTED OUT1)
FPGA MANAGEMENT CLOCK
(OUT 2)
SYSREF VALID CLOCK EDGE
NOT SYNCHRONIZED, PHASE UNDETERMINED
6952 F33
FPGA DEVICE CLOCK
(OUT2)
INTERNAL ADC SYSREF DIVIDERS
(MUTED OUT0, 2, 4 AND 6)
INTERNAL DAC SYSREF DIVIDERS
(MUTED OUT3, 5, 7 AND 9)
INTERNAL FPGA SYSREF DIVIDER
(MUTED OUT1)
EZS_SRQ or SSRQ BIT
Figure 33. Outputs after Synchronization for the EZSync Multi-Chip Design Example (SRQMD=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com