Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 59 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 59 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 55Page - Analog Devices LTC6952 Datasheet HTML 56Page - Analog Devices LTC6952 Datasheet HTML 57Page - Analog Devices LTC6952 Datasheet HTML 58Page - Analog Devices LTC6952 Datasheet HTML 59Page - Analog Devices LTC6952 Datasheet HTML 60Page - Analog Devices LTC6952 Datasheet HTML 61Page - Analog Devices LTC6952 Datasheet HTML 62Page - Analog Devices LTC6952 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
LTC6952
59
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Determining Output Modes
All outputs can be programmed as clocks (MODEx = 0),
SYSREFs (MODEx = 1 or 3), or SYNC/SRQ passthrough
outputs (MODEx = 2) using each output’s individual
MODEx bits as described in Table 13, Table 14, and Table
15. Any output can also be programmed to ignore SYNC
and SYSREF requests by setting that output’s SRQENx bit
to “0”. Noting that this design example calls for pulsed
SYSREFs (MODEx = 3) and that the FPGA management
clock should always be free running (SRQENx = 0),
Table 30 summarizes each output’s mode settings.
Table 30. Output Mode Settings for ParallelSync Example
IC
OUTPUT
PURPOSE
SRQENx MODEx
PDx
OUT0
LTC6952 #1 REF
1
0
0
OUT1
LTC6952 #1 EZS-SRQ
1
2
0
OUT2
LTC6952 #2 REF
1
0
0
OUT3
LTC6952 #2 EZS-SRQ
1
2
0
OUT4-10
Unused
0
0
3
OUT0
Unused
0
0
3
OUT1
ADC0 SYSREF
1
3
0
OUT2
ADC0 CLK
1
0
0
OUT3
ADC1 SYSREF
1
3
0
OUT4
ADC1 CLK
1
0
0
OUT5
ADC2 SYSREF
1
3
0
OUT6
ADC2 CLK
1
0
0
OUT7
ADC3 SYSREF
1
3
0
OUT8
ADC3 CLK
1
0
0
OUT9
Unused
0
0
3
OUT10
FPGA MGMT CLK
0
0
0
OUT0
Unused
0
0
3
OUT1
FPGA SYSREF
1
3
0
OUT2
FPGA DEV CLK
1
0
0
OUT3
ADC4 SYSREF
1
3
0
OUT4
ADC4 CLK
1
0
0
OUT5
ADC5 SYSREF
1
3
0
OUT6
ADC5 CLK
1
0
0
OUT7
ADC6 SYSREF
1
3
0
OUT8
ADC6 CLK
1
0
0
OUT9
ADC7 SYSREF
1
3
0
OUT10
ADC7 CLK
1
0
0
APPLICATIONS INFORMATION
Determining Output Divider Values
Since the desired frequencies of each output are already
known, the output divider values can be calculated using
Equation 7. Note that the reference LTC6953 EZS_SRQ
passthrough outputs’ internal dividers should be set as
shown in Table 18. The results are shown in Table 31.
Table 31. Output Divide Settings for ParallelSync Example
IC
OUTPUT
PURPOSE
Frequency
(MHz)
Divide Value
(Mx)
OUT0
LTC6952 #1 REF
122.88
2
OUT1
LTC6952 #1 EZS-SRQ
122.88
2
OUT2
LTC6952 #2 REF
122.88
2
OUT3
LTC6952 #2 EZS-SRQ
122.88
2
OUT4-10
Unused
N/A
N/A
OUT0
Unused
N/A
N/A
OUT1
ADC0 SYSREF
9.216
320
OUT2
ADC0 CLK
294.912
10
OUT3
ADC1 SYSREF
9.216
320
OUT4
ADC1 CLK
294.912
10
OUT5
ADC2 SYSREF
9.216
320
OUT6
ADC2 CLK
294.912
10
OUT7
ADC3 SYSREF
9.216
320
OUT8
ADC3 CLK
294.912
10
OUT9
Unused
N/A
N/A
OUT10
FPGA MGMT CLK
98.304
30
OUT0
Unused
N/A
N/A
OUT1
FPGA SYSREF
9.216
320
OUT2
FPGA DEV CLK
147.456
20
OUT3
ADC4 SYSREF
9.216
320
OUT4
ADC4 CLK
294.912
10
OUT5
ADC5 SYSREF
9.216
320
OUT6
ADC5 CLK
294.912
10
OUT7
ADC6 SYSREF
9.216
320
OUT8
ADC6 CLK
294.912
10
OUT9
ADC7 SYSREF
9.216
320
OUT10
ADC7 CLK
294.912
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com