Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 79 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 79 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 72Page - Analog Devices LTC6952 Datasheet HTML 73Page - Analog Devices LTC6952 Datasheet HTML 74Page - Analog Devices LTC6952 Datasheet HTML 75Page - Analog Devices LTC6952 Datasheet HTML 76Page - Analog Devices LTC6952 Datasheet HTML 77Page - Analog Devices LTC6952 Datasheet HTML 78Page - Analog Devices LTC6952 Datasheet HTML 79Page - Analog Devices LTC6952 Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 79 / 80 page
background image
LTC6952
79
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
PACKAGE DESCRIPTION
7.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE, IF PRESENT
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 TOP MARK
(SEE NOTE 6)
PIN 1 NOTCH
R = 0.30 TYP OR
0.35
× 45°C
CHAMFER
0.40
±0.10
52
51
1
2
BOTTOM VIEW—EXPOSED PAD
TOP VIEW
SIDE VIEW
6.50 REF
(2 SIDES)
8.00
±0.10
(2 SIDES)
5.50 REF
(2 SIDES)
0.75
±0.05
0.75
±0.05
R = 0.115
TYP
R = 0.10
TYP
0.25
±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
6.45
±0.10
5.41
±0.10
0.00 – 0.05
(UKG52) QFN REV Ø 0306
5.50 REF
(2 SIDES)
5.41
±0.05
6.45
±0.05
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70
±0.05
6.10
±0.05
7.50
±0.05
6.50 REF
(2 SIDES)
7.10
±0.05 8.50 ±0.05
0.25
±0.05
0.50 BSC
PACKAGE OUTLINE
UKG Package
52-Lead Plastic QFN (7mm
× 8mm)
(Reference LTC DWG # 05-08-1729 Rev Ø)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com