Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 14Page - Analog Devices LTC6952 Datasheet HTML 15Page - Analog Devices LTC6952 Datasheet HTML 16Page - Analog Devices LTC6952 Datasheet HTML 17Page - Analog Devices LTC6952 Datasheet HTML 18Page - Analog Devices LTC6952 Datasheet HTML 19Page - Analog Devices LTC6952 Datasheet HTML 20Page - Analog Devices LTC6952 Datasheet HTML 21Page - Analog Devices LTC6952 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
LTC6952
18
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
REFERENCE DIVIDER (R)
A 10-bit divider is used to reduce the frequency seen at
the phase/frequency detector (PFD). Its divide ratio R may
be set to any integer from 1 to 1023. Use the RD[9:0] bits
found in registers h06 and h07 to directly program the R
divide ratio. See the Applications Information section for
the relationship between R and the fREF, fPFD, fVCO, and
fOUTx frequencies.
A mode to provide synchronization of the Reference inputs
to the R divider output (R ≥ 2) using the rising edge of
the EZS_SRQ± pins is enabled when the PARSYNC bit in
register h06 is set to “1”. This synchronization is critical
for output alignment in ParallelSync Mode, as described
later in this section. The EZS_SRQ± rising edge must meet
setup and hold timing to the rising edge of the Reference
input. See Figure 2 for the timing relationships between
the Reference input, EZS_SRQ± and the R divider output.
Note that changing the R divider output edge timing will
force the PLL to lose phase lock but will return to normal
operation after several loop time constants. See Reference
Signal and EZS_SRQ Timing for ParallelSync Mode in the
Applications Information section for the timing require-
ments of EZS_SRQ± to REF in this mode.
OPERATION
EZS_SRQ±
REF
6952 F02
1 REF CYCLE
tSH
R DIV
tSS
Figure 2. EZS_SRQ± to REF Timing (PARSYNC = 1)
PHASE/FREQUENCY DETECTOR (PFD)
The phase/frequency detector (PFD), in conjunction with
the charge pump, produces source and sink current pulses
proportional to the phase difference between the outputs
of the R and N dividers. This action provides the necessary
feedback to phase-lock the loop, forcing a phase align-
ment at the PFD’s inputs. The PFD may be disabled with
the CPRST bit which prevents UP and DOWN pulses from
being produced. See Figure 3 for a simplified schematic
of the PFD.
D
Q
RST
N DIV
D
Q
RST
CPRST
UP
DOWN
6952 F03
DELAY
R DIV
Figure 3. Simplified PFD Schematic
LOCK INDICATOR
The lock indicator uses internal signals from the PFD to
measure phase coincidence between the R and N divider
output signals. It is enabled by programming LKCT[1:0]
in the serial port register h06 (see Table 5), and produces
LOCK, LOCK and UNLOCK status flags, available through
both the STAT output and serial port register h00. LOCK
is the logical inverse of LOCK.
The user sets the phase difference lock window time tLWW
for a valid LOCK condition with the LKWIN bit found in
register h06. Table 4 contains recommended settings for
different fPFD frequencies. See the Applications Informa-
tion section for examples.
Table 4. LKWIN Programming
LKWIN
tLWW
fPFD
0
3ns
> 5MHz
1
10ns
≤ 5MHz
The PFD phase difference must be less than tLWW for the
COUNTS number of successive counts before the lock
indicator asserts the LOCK flag. The LKCT[1:0] bits are
used to set COUNTS depending upon the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com