Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 58 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 58 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 54Page - Analog Devices LTC6952 Datasheet HTML 55Page - Analog Devices LTC6952 Datasheet HTML 56Page - Analog Devices LTC6952 Datasheet HTML 57Page - Analog Devices LTC6952 Datasheet HTML 58Page - Analog Devices LTC6952 Datasheet HTML 59Page - Analog Devices LTC6952 Datasheet HTML 60Page - Analog Devices LTC6952 Datasheet HTML 61Page - Analog Devices LTC6952 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
LTC6952
58
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Design Procedure
The design procedure for ParallelSync is similar to EZSync:
1. Determine R and N divider values for all ICs
2. Determine the optimum loop bandwidth(s)
3. Select loop filter component values
4. Determine output modes for all ICs
5. Determine all M divider values
6. Determine all digital delay values
7. Program the ICs with the correct divider values, output
delays, and other settings
8. Synchronize the reference distribution part (if neces-
sary)
9. Synchronize the parallel LTC6952 outputs
10. Place the SYSREF outputs in a lower power mode
until the next SYSREF request (optional, see Opera-
tions section)
11. Place ICs into SYSREF request mode (SRQMD=1) and
send a SYSREF request when needed
12. Return IC into SYNC mode (SRQMD=0) and place the
SYSREF outputs into a lower power mode for power
savings (optional).
Note that synchronization MUST be performed before a
SYSREF request. The synchronization must be repeated
only if the divider setting is changed, or if the divider is
powered down.
Determining R and N Divider Values
The reference LTC6953 does not have a PLL, so R and N
do not apply. However, it can divide the incoming refer-
ence so that it falls below the 167MHz upper limit for the
parallel parts’ fPFD. In this example, the output dividers
of the reference clock outputs of the reference LTC6953
can be set to 2, leading to an effective reference frequency
of 122.88MHz for the parallel parts. Following the “Loop
Filter Design” algorithm for the two parallel LTC6952s, R
should be 1 noting that maximizing fPFD in a data converter
application will minimize integrated jitter. Use Equation 4
to determine fPFD and Equation 6 to determine N:
R = 1
fPFD = fREF/R = 122.88MHz
N = fVCO/fPFD = 24
Selecting Loop Bandwidth
The next step in the algorithm is choosing the open loop
bandwidth for the parallel LTC6952s. The maximum BW
should be at least 10x smaller than fPFD. Most data con-
verter applications will place the bandwidth at the optimal
intersection of VCO noise and in-band noise. Narrower
bandwidths or higher order loop filters can be used to
lower spurious power. For this example, the third-order
loop filter shown in Figure 24 will be used.
After inputting the external VCO phase noise and KVCO
characteristics, the LTC6952Wizard reports the thermal
noise optimized loop bandwidth is approximately 38kHz.
Loop Filter Component Selection
For the lowest in-band phase noise, ICP should be set to
the highest value possible that results in practical loop
filter component values. Therefore, ICP for our example
is chosen to be 11.2mA. LTC6952Wizard uses Equation
9 to determine RZ:
RZ = 2 • π • 38k • 24/(11.2m • 15M)
RZ = 34.1 Ω ≈ 34
The LTC6952Wizard uses Equation 10 through 13 to
calculate CI, CP, C2, and R1:
CI = 4/(π • 38k • 34) = 985nF ≈ 1.0µF
CP = 1/(12 • π • 38k • 34) = 20.5nF ≈ 22nF
C2 = 1/(18 • π • 38k • 34) = 13.7nF ≈ 15nF
R1 = 34Ω
Note that resistors are rounded to standard ±1% values,
and capacitors are rounded to standard ±10% values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com