Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 22Page - Analog Devices LTC6952 Datasheet HTML 23Page - Analog Devices LTC6952 Datasheet HTML 24Page - Analog Devices LTC6952 Datasheet HTML 25Page - Analog Devices LTC6952 Datasheet HTML 26Page - Analog Devices LTC6952 Datasheet HTML 27Page - Analog Devices LTC6952 Datasheet HTML 28Page - Analog Devices LTC6952 Datasheet HTML 29Page - Analog Devices LTC6952 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
LTC6952
26
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
EZSync Multi-Chip
When using EZSync Multi-Chip, compatible devices are
cascaded together, with the clock output of a CONTROLLER
device driving the VCO inputs of one to eleven FOLLOWER
devices as shown in Figure 11. The EZSync protocol allows
for simple synchronization of all devices due to loose timing
constraints on the SYNC signal. When used in a JESD204B
application, SYSREF requests may need to be retimed to
a free running SYSREF output to assure all FOLLOWERS
start and stop their SYSREF signals at the same time. It is
recommended that LTC6953 be used as any FOLLOWER
device. However, LTC6952 can be used as a FOLLOWER
if necessary by disabling its PLL (PDPLL=1).
To simplify both SYNC and/or SYSREF requests down to
a simple software write to the CONTROLLER’s SSRQ bit,
the devices may be connected as shown in Figure 12,
where an additional CONTROLLER output drives each
FOLLOWER’s EZS_SRQ pins (only available for LTC6952
or LTC6953 FOLLOWERs). This request passthrough
configuration reduces the system complexity at the cost
of fewer possible FOLLOWERs (a maximum of 5). Note
that MPx for the CONTROLLER’s passthrough output must
be set greater than 0.
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
REF±
OUT0+
OUT1+
EZS_SRQ+
EZS_SRQ–
OUT10+
OUT2+
OUT3+
OUT4+
OUT5+
OUT6+
OUT7+
OUT8+
OUT9+
CP
LF(s)
VCO±
VCO
REF
LTC6952
SYNC OR
SYSREF
REQUEST
CMOS
BUFFER
OUT0–
OUT1–
OUT2–
OUT3–
OUT4–
OUT5–
OUT6–
OUT7–
OUT10–
OUT8–
OUT9–
6952 F10
160Ω
160Ω
160Ω
160Ω
160Ω
160Ω
160Ω
160Ω
160Ω
100Ω
100Ω
OUTx±
EZS_SRQ+
VCO+
REF±
OUT0+
OUT1+
EZS_SRQ+
EZS_SRQ–
OUT10+
OUT2+
OUT3+
OUT4+
OUT5+
OUT6+
OUT7+
OUT8+
OUT9+
LTC6953 or LTC6952
#1
11 OUTPUTS
CP
LF(s)
VCO±
VCO
REF
LTC6952
EZSync
CONTROLLER
SYNC or
SYSREF
REQUEST
CMOS
BUFFER
OUT0–
VCO–
OUTx±
EZS_SRQ+
VCO+
LTC6953 or LTC6952
#2
11 OUTPUTS
VCO–
OUT1–
OUTx±
EZS_SRQ+
VCO+
LTC6953 or LTC6952
#3
11 OUTPUTS
VCO–
OUTx±
EZS_SRQ+
VCO+
LTC6953 or LTC6952
#4
11 OUTPUTS
VCO–
OUT2–
OUT3–
OUTx±
EZS_SRQ+
VCO+
LTC6953 or LTC6952
#5
11 OUTPUTS
VCO–
OUTx±
EZS_SRQ+
VCO+
LTC6953 or LTC6952
#6
11 OUTPUTS
VCO–
OUTx±
EZS_SRQ+
VCO+
LTC6953 or LTC6952
#7
11 OUTPUTS
VCO–
OUTx±
EZS_SRQ+
VCO+
LTC6953 or LTC6952
#8
11 OUTPUTS
VCO–
OUT4–
OUT5–
OUT6–
OUT7–
OUTx±
EZS_SRQ+
VCO+
LTC6953 or LTC6952
#9
11 OUTPUTS
VCO–
OUT10–
OUT8–
OUT9–
ALL CONTROLLER TO FOLLOWER CONNECTIONS MUST BE DC COUPLED
FOLLOWER-SYNCHRONOUS
OUTPUT
FOLLOWER-SYNCHRONOUS
OUTPUT
CONTROLLER
FOLLOWERS
6952 F11
Figure 10. EZSync Standalone
Figure 11. EZSync Multi-Chip Synchronization
(Nine Followers Shown) Max Eleven Possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com