Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 64 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 64 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 60Page - Analog Devices LTC6952 Datasheet HTML 61Page - Analog Devices LTC6952 Datasheet HTML 62Page - Analog Devices LTC6952 Datasheet HTML 63Page - Analog Devices LTC6952 Datasheet HTML 64Page - Analog Devices LTC6952 Datasheet HTML 65Page - Analog Devices LTC6952 Datasheet HTML 66Page - Analog Devices LTC6952 Datasheet HTML 67Page - Analog Devices LTC6952 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
LTC6952
64
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Performing a SYSREF Request
To produce SYSREF pulses, write a “1” to SRQMD in both
of the parallel LTC6952s and take the parts out of low
power mode (if used) by writing all the SYSREF output
PDx bits to “0”. Wait 50µs to allow the circuitry to power
up. Send the SYSREF request by writing a “1” to the REF
LTC6952’s SSRQ bit in Reg0B:
REF LTC6952 Reg0B = h05
After waiting a minimum of 1ms, write Reg0B again:
REF LTC6952 Reg0B = h04
If desired, the EZS_SRQ± pins of the reference LTC6952
can be used instead of the SSRQ bit to request a SYSREF.
After the rising edge of the SYSREF request, the SYSREF
outputs will pulse four times and then return to a “0”
state as shown in Figure 37. Place the ICs back into low
power mode if desired by writing a “0” to SRQMD in the
parallel LTC6952s and setting PDx = 2 for all SYSREF
defined outputs.
EZS_SRQ OR SSRQ BIT
ON REFERENCE LTC6953
LTC6952 #2 OUTPUTS
LTC6952 #1 OUTPUTS
6952 F37
ADC DEVICE CLOCKS
(OUT4, 6, 8 AND 10)
ADC DEVICE CLOCKS
(OUT1, 3, 5 AND 7)
ADC SYSREFs
(OUT3, 5, 7 AND 9)
ADC SYSREFs
(OUT0, 2, 4 AND 6)
FPGA SYSREF
(OUT1)
FPGA MANAGEMENT CLOCK
(OUT2)
FPGA DEVICE CLOCK
(OUT2)
294.912MHz
147.456MHz
98.304MHz
294.912MHz
REFERENCE SOURCE CONSIDERATIONS
A high quality signal must be applied to the REF± inputs as
they provide the frequency reference to the entire PLL. As
mentioned previously, to achieve the part’s in-band phase
noise performance, apply a sine wave of at least 6dBm
into 50Ω, or a square wave of at least 0.5VP-P, with slew
rate of at least 20V/µs.
The LTC6952 may be driven single-ended from CMOS
levels (greater than 2.7VP-P). Apply the reference signal at
REF– , and bypass REF+ to GND with a 47pF capacitor. The
BST bit must also be set to “0”, according to guidelines
given in Table 2. Setting FILT to a “0” is recommended as
the input is a square wave.
The LTC6952 achieves an in-band normalized phase
noise floor LNORM = –229dBc/Hz typical. To calculate its
equivalent input phase noise floor LIN, use Equation 19.
LIN = LNORM + 10 • log10(fREF)
(19)
For example, using a 10MHz reference frequency gives
an input phase noise floor of –159dBc/Hz. The reference
frequency source’s phase noise must be at least 3dB better
thanthistopreventlimitingtheoverallsystemperformance.
Figure 37. Outputs after SYSREF Request for the ParallelSync Design Example (SRQMD=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com