Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 51 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 51 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 47Page - Analog Devices LTC6952 Datasheet HTML 48Page - Analog Devices LTC6952 Datasheet HTML 49Page - Analog Devices LTC6952 Datasheet HTML 50Page - Analog Devices LTC6952 Datasheet HTML 51Page - Analog Devices LTC6952 Datasheet HTML 52Page - Analog Devices LTC6952 Datasheet HTML 53Page - Analog Devices LTC6952 Datasheet HTML 54Page - Analog Devices LTC6952 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
LTC6952
51
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Now that all frequencies are known, use Equation 7 to
determine the output divider values. The results are shown
in Table 26.
Table 26. Output Divide Settings for EZSync Multi-Chip Design
Example
IC
OUTPUT
PURPOSE
Frequency
(MHz)
Divide Value
(Mx)
OUT0
ADC0 SYSREF
12.5
320
OUT1
ADC0 CLK
500
8
OUT2
ADC1 SYSREF
12.5
320
OUT3
ADC1 CLK
500
8
OUT4
ADC2 SYSREF
12.5
320
OUT5
ADC2 CLK
500
8
OUT6
ADC3 SYSREF
12.5
320
OUT7
ADC3 CLK
500
8
OUT8
FOLLOWER VCO
4000
1
OUT9
FOLLOWER EZS_SRQ
12.5
320
OUT10
FPGA MGMT CLK
100
40
OUT0
Unused
N/A
N/A
OUT1
FPGA SYSREF
12.5
320
OUT2
FPGA DEV CLK
125
32
OUT3
DAC0 SYSREF
12.5
320
OUT4
DAC0 CLK
4000
1
OUT5
DAC1 SYSREF
12.5
320
OUT6
DAC1 CLK
4000
1
OUT7
DAC2 SYSREF
12.5
320
OUT8
DAC2 CLK
4000
1
OUT9
DAC3 SYSREF
12.5
320
OUT10
DAC3 CLK
4000
1
Determining Output Digital Delay Values
The output digital delay is used to control phase rela-
tionships between outputs. The minimum delay step is
½ of a period of the incoming VCO signal. For this design
example, the digital delay is used to place each device’s
SYSREF signal edges into a known phase relationship to its
corresponding device clock, optimized for the set-up (tS)
and hold time (tH) requirements for that device. Assume
that the optimum SYSREF edge location for each device
occurs on the first falling clock edge before the desired
SYSREF valid rising clock edge. In other words, SYSREF
should change states ½ of a corresponding device clock
period before the SYSREF valid device clock edge. Refer
to Figure 29 for a visual example.
APPLICATIONS INFORMATION
For EZSync multi-chip synchronization, the CONTROLLER
output which drives the FOLLOWER VCO input (follower-
driver) must output seven pulses before the FOLLOWER
outputs begin. This means that any CONTROLLER outputs
which should be aligned with the FOLLOWER outputs
(follower-synchronous) must be delayed by the same
amount of time as the seven pulses, leading to a delay
offset for each of these follower-synchronous outputs
(DDELFS-OS):
DDELFS-OS = 14 • MFD + DDELFD
(17)
where MFD and DDELFD are the divider value and digital
delay value, respectively, of the follower-driver. In most
applications, DDELFD will be set to 0.
In order to calculate each output’s delay value for this
design example, use the following procedure:
1. Delay all of the JESD204B device clocks by half of a
period of the slowest JESD204B device clock. This
delay setting is equivalent to the divide value of the
slowest device clock since a one code digital delay
equals half of a VCO cycle. Non-JESD204B clocks (such
as the FPGA management clock) are not included in
this calculation. This delay value defines the desired
SYSREF valid clock edge. In this example, the slowest
JESD204B clock is the FPGA device clock:
DDELSYSvalid = MFPGA-CLK = 32
DDELADC-CLK´ = DDELSYSvalid = 32
DDELDAC-CLK´ = DDELSYSvalid = 32
DDELFPGA-CLK´ = DDELSYSvalid = 32
2. For each device clock/SYSREF pair, subtract half a
device clock period from DDEL to find the SYSREF
delay. This is equivalent to subtracting the correspond-
ing divide value of the device clock, i.e.
DDELADC-SYS´ = DDELSYSvalid – MADC-CLK
DDELADC-SYS´ = 32– 8 = 24
DDELDAC-SYS´ = DDELSYSvalid – MDAC-CLK
DDELDAC-SYS´ = 32– 1 = 31
DDELFPGA-SYS´ = DDELSYSvalid – MFPGA-CLK
DDELFPGA-SYS´ = 32– 32 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com