Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 53 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 53 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 49Page - Analog Devices LTC6952 Datasheet HTML 50Page - Analog Devices LTC6952 Datasheet HTML 51Page - Analog Devices LTC6952 Datasheet HTML 52Page - Analog Devices LTC6952 Datasheet HTML 53Page - Analog Devices LTC6952 Datasheet HTML 54Page - Analog Devices LTC6952 Datasheet HTML 55Page - Analog Devices LTC6952 Datasheet HTML 56Page - Analog Devices LTC6952 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
LTC6952
53
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Power and FILT Register Programming
For correct PLL operation on the CONTROLLER, all internal
blocks should be enabled. Additionally, the REF and VCO
input signals have a sufficient slew rate and power to not
need the FILT or BST bits:
CONTROLLER Reg02 = h00
The FOLLOWER doesn’t need the FILTV bit either:
FOLLOWER Reg02 = h00
Output Power-Down Programming
During initial setup and synchronization, all used outputs
should be set to full power. These bits will be used later
to place the ICs in a lower power mode while waiting for
SYSREF requests:
CONTROLLER Reg03 = h00
CONTROLLER Reg04 = h00
CONTROLLER Reg05 = h00
FOLLOWER Reg03 = h03
FOLLOWER Reg04 = h00
FOLLOWER Reg05 = h00
RAO and PARSYNC Programming
PARSYNC should be set to “0” for the CONTROLLER since
this example is not a ParallelSync application. RAO should
also be set to “0” unless a highly accurate reference input-
to-clock output timing is required. Note that RAO for the
LTC6953 FOLLOWER is not applicable.
Lock Detect Programming (CONTROLLER Only)
Next, determine the lock indicator window from fPFD.
From Table 4 we see that LKWIN = 0 with a tLWW of 3ns.
The LTC6952 will consider the loop “locked” as long as
the phase coincidence at the PFD is within ±3ns, or 108°
as calculated below.
phase = 360° • tLWW • fPFD
= 360° • 3n • 100M
≈ 108°
APPLICATIONS INFORMATION
Larger values of COUNTS lead to more accurate and stable
lock indications at the expense of longer lock indication
times. A COUNTS value of 2048 will work for this applica-
tion. From Table 5, LKCT[1:0] = 3 for 2048 counts.
R and N Divider Programming
The previously determined R and N divider values for the
CONTROLLER are 1 and 40, respectively. R and N for
the FOLLOWER are not applicable and can be set to 0.
Using these values and the PARSYNC and lock detector
values, registers 6 through 9 can be programmed for the
CONTROLLER:
CONTROLLER Reg06 = h0C
CONTROLLER Reg07 = h01
CONTROLLER Reg08 = h00
CONTROLLER Reg09 = h28
Note that registers 6 through 9 for the LTC6953 FOLLOWER
are not applicable.
Charge Pump Function and Current Programming
Disable all the charge pump functions (CPMID, CPWIDE,
CPRST, CPUP, CPDN, and CPINV), allowing the loop to
lock. Using Table 6 with the previously selected ICP of
11.2mA gives CP[4:0] = h13. The FOLLOWER charge
pump settings are not applicable.
SYNC and SYSREF Global Modes Programming
Bit EZMD controls whether the IC is an EZSync standalone/
controller (“0”) or follower (“1”). Bit SRQMD determines
if the part is in synchronization mode (“0”) or SYSREF
request mode (“1”). SYSCT programs the number of
pulses for any output in pulsed SYSREF mode (# pulses
= 2SYSCT, so SYSCT = 2 to achieve four pulses for this
example). Combining this information with the previously
determined charge pump controls, registers h0A and h0B
can be programmed:
CONTROLLER Reg0A = h13
CONTROLLER Reg0B = h04
FOLLOWER Reg0A = N/A
FOLLOWER Reg0B = h14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com