Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 16Page - NXP Semiconductors FS6500 Datasheet HTML 17Page - NXP Semiconductors FS6500 Datasheet HTML 18Page - NXP Semiconductors FS6500 Datasheet HTML 19Page - NXP Semiconductors FS6500 Datasheet HTML 20Page - NXP Semiconductors FS6500 Datasheet HTML 21Page - NXP Semiconductors FS6500 Datasheet HTML 22Page - NXP Semiconductors FS6500 Datasheet HTML 23Page - NXP Semiconductors FS6500 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 32).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
CAN transceiver (FD 2.0 Mbit/s)
CAN logic input pin (TXD)
VTXD_IH
TXD high input threshold
0.7 x
VDDIO
—
—
V
VTXD_IL
TXD low input threshold
—
—
0.3 x
VDDIO
V
TXDPULL-UP
TXD main device pull-up
20
33
50
KΩ
TXDLK
TXD input leakage current, VTXD = VDDIO
–1.0
—
1.0
µA
CAN logic output pin (RXD)
VRXD_OL1
Low level output voltage (IRXD = 250 µA)
—
—
0.4
V
VRXD_OL2
Low level output voltage (IRXD = 1.5 mA)
—
—
0.9
V
VOUTHIGH
High level output voltage (IRXD = –250 µA, VDDIO = 3.0 V to 5.5
V)
VDDIO
– 0.4
—
—
V
CAN output pins (CANH, CANL)
VDIFF_COM_MODE Differential input comparator common mode range in normal
mode
–20
—
20
V
VIN_DIFF
Differential input voltage threshold in normal mode
0.5
—
0.9
V
VDIFF_COM_SLEEP Differential input comparator common mode range in sleep
mode
–12
—
12
V
VIN_DIFF_SLEEP
Differential input voltage threshold in sleep mode
0.4
—
1.1
V
VIN_HYST
Differential input hysteresis (in TX, RX mode)
50
—
—
mV
RIN_CHCL
CANH, CANL input resistance
5.0
—
50
kΩ
RIN_DIFF
CAN differential input resistance
10
—
100
kΩ
RINSLEEP
CANH, CANL input resistance device supplied and in CAN
sleep mode
5.0
—
50
kΩ
RIN_MATCH
Input resistance matching
–3.0
—
3.0
%
CIN_CM
Common mode input capacitance
—
20
—
pF
CIN_DIFF
Differential input capacitance
—
10
—
pF
[5]
VCANH
CANH output voltage (45 Ω < RBUS < 65 Ω)
• TX dominant state
• TX recessive state
 
2.75
2.0
 
—
2.5
 
4.5
3.0
 
V
VCANL
CANL output voltage (45 Ω < RBUS < 65 Ω)
• TX dominant state
• TX recessive state
 
0.5
2.0
 
—
2.5
 
2.25
3.0
 
V
VCAN_SYM
CAN dominant voltage symmetry (VCANL + VCANH)
4.5
5.0
5.5
V
VOH-VOL
Differential output voltage
• TX dominant state (45 Ω < RBUS < 65 Ω)
• TX recessive state
 
1.5
–50
 
2.0
0.0
 
3.0
50
 
V
mV
ICANL-SK
CANL sink current under short-circuit condition (VCANL ≤ 12 V,
CANL driver ON, TXD low)
40
—
100
mA
ICANH-SC
CANH source current under short-circuit condition (VCANH =
–2.0 V, CANH driver ON, TXD low)
–100
—
–40
mA
Table 5. Static electrical characteristics ...continued
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
20 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com