Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 7Page - NXP Semiconductors FS6500 Datasheet HTML 8Page - NXP Semiconductors FS6500 Datasheet HTML 9Page - NXP Semiconductors FS6500 Datasheet HTML 10Page - NXP Semiconductors FS6500 Datasheet HTML 11Page - NXP Semiconductors FS6500 Datasheet HTML 12Page - NXP Semiconductors FS6500 Datasheet HTML 13Page - NXP Semiconductors FS6500 Datasheet HTML 14Page - NXP Semiconductors FS6500 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
Pin
number
Pin name
Type
Definition
SW_CORE A_OUT
VCORE output switching point for FS6500 series
35
or VCORE
A_OUT
VCORE output voltage for FS4500 series
36
BOOT_
CORE
A_IN/OUT
Bootstrap capacitor for VCORE internal NMOS gate drive
For FS4500 series, this pin must be left open (NC).
37
VPRE
A_IN
VPRE input voltage sense
38
VAUX
A_OUT
VAUX output voltage. External PNP ballast transistor. Collector connection
39
VAUX_B
A_OUT
VAUX voltage regulator. External PNP ballast transistor. Base connection
40
VAUX_E
A_OUT
VAUX voltage regulator. External PNP ballast transistor. Emitter connection
41
VCCA_E
A_OUT
VCCA voltage regulator. External PNP ballast transistor. Emitter connection
42
VCCA_B
A_OUT
VCCA voltage regulator. External PNP ballast transistor. Base connection
43
VCCA
A_OUT
VCCA output voltage. External PNP ballast transistor. Collector connection
44
GATE_LS
A_OUT
Low-side MOSFET gate drive for non-inverting buck-boost configuration
45
DGND
GROUND
Digital ground connection
46
BOOT_PRE A_IN/OUT
Bootstrap capacitor for the VPRE internal NMOS gate drive
47
SW_PRE2
A_OUT
Second pre-regulator output switching point
48
SW_PRE1
A_OUT
First pre-regulator output switching point
Table 3. FS6500/FS4500 pin definition...continued
8 Maximum ratings
All voltages are with respect to ground, unless otherwise specified. Exceeding these ratings may cause a malfunction or permanent damage
to the device.
Symbol
Ratings
Value
Unit
Notes
Electrical ratings
VSUP1/2/3
DC voltage at power supply pins
–1.0 to 40
V
[1]
VSENSE
DC voltage at battery sense pin (with ext R in series mandatory)
–14 to 40
V
VSW1,2
DC voltage at SW_PRE1 and SW_PRE2 Pins
–1.0 to 40
V
VPRE
DC voltage at VPRE Pin
–0.3 to 8
V
VGATE_LS
DC voltage at Gate_LS pin
–0.3 to 8
V
VBOOT_PRE
DC voltage at BOOT_PRE pin
–1.0 to 50
V
VSW_CORE
DC voltage at SW_CORE pin
–1.0 to 8
V
VCORE_SNS
DC voltage at VCORE_SNS pin
0.0 to 8
V
VBOOT_CORE
DC voltage at BOOT_CORE pin
0.0 to 15
V
VFB_CORE
DC voltage at FB_CORE pin
–0.3 to 2.5
V
VCOMP_CORE
DC voltage at COMP_CORE pin
–0.3 to 2.5
V
VFCRBM
DC voltage at FCRBM pin
–0.3 to 8
V
VAUX_B,E
DC voltage at VAUX_B, VAUX_E pins
–0.3 to 40
V
VAUX
DC voltage at VAUX pin
–2.0 to 40
V
VCCA_B,E
DC voltage at VCCA_B, VCCA_E pins
–0.3 to 8
V
Table 4. Maximum ratings
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
11 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com