Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 25Page - NXP Semiconductors FS6500 Datasheet HTML 26Page - NXP Semiconductors FS6500 Datasheet HTML 27Page - NXP Semiconductors FS6500 Datasheet HTML 28Page - NXP Semiconductors FS6500 Datasheet HTML 29Page - NXP Semiconductors FS6500 Datasheet HTML 30Page - NXP Semiconductors FS6500 Datasheet HTML 31Page - NXP Semiconductors FS6500 Datasheet HTML 32Page - NXP Semiconductors FS6500 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
VCCA(V)
VAUX(V)
R select
Recommended value[1]
3.3
3.3
<6.0 kΩ
5.1 kΩ ±5.0 %
5.0
5.0
10.8 << 13.2 kΩ
12 kΩ ±5.0 %
3.3
5.0
21.6 << 26.2 kΩ
24 kΩ ±5.0 %
5.0
3.3
45.9 << 56.1 kΩ
51 kΩ ±5.0 %
Table 7. VCCA/VAUX voltage selection
[1]
If the SELECT pin is detected open, the VCCA and VAUX regulators start at their minimum output voltage 3.3 V.
11.8.2 Deep fail-safe configuration
Deep fail-safe function is enabled when the SELECT pin is connected to ground and disabled when the
SELECT pin is connected to VPRE. The configuration is done after each power-on reset, and after a wake-up
event when device is in LPOFF by both the main and the fail-safe logics. The Information is latched until the
next hardware configuration read (Figure 11).
aaa-037740
SELECT
RSELECT
SELECT
VPRE
VPRE
FS6500
Deep fail-safe disabled
Deep fail-safe enabled
FS6500
RSELECT
Figure 11. Deep fail-safe enable/disable
11.9 CAN_5V voltage regulator
The CAN_5V voltage regulator is a linear regulator dedicated to the internal CAN FD interface. An external
capacitor is required. Current limitation, overvoltage, and undervoltage detectors are provided. If the internal
CAN transceiver is not used, the CAN_5V regulator can supply an external load (see Section 12.7.6). CAN_5V
is enabled by default.
11.10 Interrupt (INTB)
The INTB output pin generates a low pulse when an Interrupt condition occurs. The INTB behavior as well as
the pulse duration are set through the SPI during INIT phase. INTB has an internal pull-up resistor connected to
VDDIO.
11.11 CANH, CANL, TXD, RXD
These are the pins of the CAN FD physical interface. The CAN FD transceiver provides the physical interface
between the CAN FD protocol controller of an MCU and the physical dual wires CAN-bus. The CAN FD
interface is connected to the MCU via the RXD and TXD pins.
11.11.1 TXD
TXD is the device input pin to control the CAN-bus level. TXD is a digital input with an internal pull-up resistor
connected to VDDIO. In the application, this pin is connected to the microcontroller transmit pin. In normal
mode, when TXD is high or floating, the CANH and CANL drivers are off, setting the bus in a recessive state.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
29 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com