Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 53Page - NXP Semiconductors FS6500 Datasheet HTML 54Page - NXP Semiconductors FS6500 Datasheet HTML 55Page - NXP Semiconductors FS6500 Datasheet HTML 56Page - NXP Semiconductors FS6500 Datasheet HTML 57Page - NXP Semiconductors FS6500 Datasheet HTML 58Page - NXP Semiconductors FS6500 Datasheet HTML 59Page - NXP Semiconductors FS6500 Datasheet HTML 60Page - NXP Semiconductors FS6500 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
When VPRE is set up to work in buck-boost mode, the application can work down to VSUP = VSUP_UV_L = 2.7 V
with a minimum of 300 mA current guaranteed on VPRE. The buck-boost configuration helps to pass the LV124
specification requiring a minimum of 3.2 V on VBAT supply during cold cranking conditions.
aaa-037768
VSUP_UV_7
VSUP_UV_L
VCORE_FB_UV *
((R3+R4)/R4)
Buck
VPRE_EN
VPRE
VSUP
VCORE
INTB
RSTB
Buck_Boost
Mask
Buck
Boost
Boost
Figure 39. Behavior during cranking (buck boost configuration)
12.7.1.3 Light load condition
To improve the converter efficiency and avoid any unwanted output voltage increase, the VPRE voltage
regulator operates in pulse skipping mode during light load conditions.
The transition between normal mode and pulse skipping mode is based on the comparison between the error
amplifier output (EA_out) and pre-defined thresholds VPRE_LL_H and VPRE_LL_L. When the error amplifier output
reaches VPRE_LL_L, the VPRE high-side transistor is switched off. When the error amplifier output reaches
VPRE_LL_H, the VPRE high-side transistor is switched on again for the next switching period (Figure 40).
aaa-037769
error
amplifier
light load
comparator
(Hyst 20 mV)
VPRE HS
driver
Ref
Vpre_LL_L
VPRE
SW_PRE
VSUP1/2
EA_out
EA_out
Vpre_LL_H
Vpre_LL_L
Light load
flag
HS gate
drive
GND
Figure 40. Description of light load conditions
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
57 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com