Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 79Page - NXP Semiconductors FS6500 Datasheet HTML 80Page - NXP Semiconductors FS6500 Datasheet HTML 81Page - NXP Semiconductors FS6500 Datasheet HTML 82Page - NXP Semiconductors FS6500 Datasheet HTML 83Page - NXP Semiconductors FS6500 Datasheet HTML 84Page - NXP Semiconductors FS6500 Datasheet HTML 85Page - NXP Semiconductors FS6500 Datasheet HTML 86Page - NXP Semiconductors FS6500 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
aaa-037798
MISO
SCLK signal is low outside of NCS active
NCS active low. Must be raised at end of 16 clocks,
for write commands, MOSI bits [15] = [1].
MOSI and MISO data changed at SCLK rising edge
and sampled at falling edge. MSB first.
MISO tri-state outside of NCS active
Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9
Bit 8
R/W M/FS
A4
A3
A2
A1
A0
P
MOSI
register address
Parity
Bit 7
Bit 6
Bit 5 Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
data
S15
S14
S13
S12
S11
S10
S9
S8
Device status
D0
Do7
Do6
Do5
Do4
Do3
Do2
Do1
Do0
Extended device status, Register control bits or device flags
NCS
SCLK
MOSI
MISO
Don't care
Don't care
C1
C0
D0
S15
S14
Do0
Tri-state
Tri-state
Figure 69. SPI overview: SPI waveform and signals polarity
The device contains several registers. Their address is coded on 7 bits (bits 15 to 9). Each register controls
or reports part of the device function. Data can be written to the register, to control the device operation or set
default value or behavior. Every register can also be read back to ensure its content (default setting or value
previously written) is correct.
13.1.4 Register description
Although the minimum time between two NCS low sequences is defined by tONNCS (Figure 9), two consecutive
accesses to the fail-safe registers must be done with a 3.5 µs minimum NCS high time in between. Although the
minimum time between two fail-safe registers accesses is 3.5 µs, some SPI accesses to the main registers can
be done in between (Figure 10).
13.2 Detailed operation
13.2.1 SPI command organization
aaa-037799
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
R/W
M/FS
A4
A3
A2
A1
A0
P
MOSI
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
D7
D6
D5
D4
D3
D2
D1
D0
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
SPI_G
WU_G
CAN_G
LIN_G
IO_G
VPRE_G VCORE_G
MISO
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
VOTHERS_G
Bits 15:8 always sent by Main digital
Extended diagnosis: sent by Main or Fail safe based on bits 15:9 on MOSI
Figure 70. MOSI /MISO SPI command organization
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
83 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com