Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 73Page - NXP Semiconductors FS6500 Datasheet HTML 74Page - NXP Semiconductors FS6500 Datasheet HTML 75Page - NXP Semiconductors FS6500 Datasheet HTML 76Page - NXP Semiconductors FS6500 Datasheet HTML 77Page - NXP Semiconductors FS6500 Datasheet HTML 78Page - NXP Semiconductors FS6500 Datasheet HTML 79Page - NXP Semiconductors FS6500 Datasheet HTML 80Page - NXP Semiconductors FS6500 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
Register
Bit
Flag type
Effect
CANH_BATT
Diagnostic
No impact on CAN transceiver
CANH_GND
Diagnostic
No impact on CAN transceiver
CANL_BATT
Diagnostic
No impact on CAN transceiver
CANL_GND
Diagnostic
No impact on CAN transceiver
CAN_DOM
Error
Turn off CAN transceiver
RXD_REC
Error
Turn off CAN transceiver
DIAG_CAN_FD
TXD_DOM
Error
Turn off CAN transceiver
CAN_OT
Error
Turn off CAN transceiver
DIAG_CAN_LIN
CAN_OC
Diagnostic
No impact on CAN transceiver
Table 14. CAN diagnostic and CAN error bits
12.9.3 Wake-up mechanism
The device includes bus monitoring circuitry to detect and report bus wake-ups when the device is in LPOFF
and when CAN mode configuration is different from sleep/no wake-up capability. Multiple dominant pulse
wake-up detection is implemented. The event must occur within the t3PTOX timeout. t3PTOX = t3PTO1 or t3PTO2,
depending on the SPI selection. The wake-up events are reported in the WU_SOURCE register.
12.9.3.1 Multiple pulse detection
To activate wake-up report, three events must occur on the CAN-bus:
- event 1: a dominant level longer than t1PWU followed by
- event 2: a dominant level longer than t3PWU followed by
- event 3: a dominant level longer than t3PWU.
The three events and the timeout function avoiding a permanent dominant state on the bus generates
permanent wake-up situation which would prevent system to enter in low-power mode.
5xTbit
1xTbit
T_3pwu
T_3pto
wake up detected
T_1pwu
1xTbit
1xTbit
Bus
Output of Wake up
Receiver
aaa-037792
Figure 63. Multiple pulse wake-up pattern illustration
12.10 LIN transceiver
The local interconnect network (LIN) is a serial communication protocol, designed to support automotive
networks in conjunction with a controller area network (CAN). The LIN transceiver is operational from a VSUP of
7.0 V to 18 V DC, and compatible with LIN protocol specification 2.0, 2.1(22), 2.2(23), and SAEJ2602-2(24).
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
77 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com