Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 28Page - NXP Semiconductors FS6500 Datasheet HTML 29Page - NXP Semiconductors FS6500 Datasheet HTML 30Page - NXP Semiconductors FS6500 Datasheet HTML 31Page - NXP Semiconductors FS6500 Datasheet HTML 32Page - NXP Semiconductors FS6500 Datasheet HTML 33Page - NXP Semiconductors FS6500 Datasheet HTML 34Page - NXP Semiconductors FS6500 Datasheet HTML 35Page - NXP Semiconductors FS6500 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
I/O number Digital input wake-up
capability
Analog
input
Output gate
driver
VKAM
FCCU
monitoring
Ext. IC
monitoring
IO_5
X
X
X
X
Table 8. I/Os configuration...continued
• IO_0 is selectable as follows:
Analog input (load dump proof) sent to the MCU through the MUX_OUT pin. Wake-up input on the rising or
falling edge or based on the previous state. Digital input (logic level) sent to the MCU through the SPI.
Safety purpose: IO_0 is the only wake-up input to resume from deep fail-safe mode.
• IO_2:3 are selectable as follows:
Digital input (logic level) sent to the MCU through the SPI. Wake-up input on the rising or falling edge or based
on the previous state.
Safety purpose: Digital input (logic level) to monitor MCU error signals (both IO_2 AND
IO_3 are used if configured as safety inputs). Only bi-stable protocol is available.
When IO_2:3 are used as safety inputs to monitor FCCU error outputs from the NXP MCU, the monitoring is
active only when the fail-safe sate machine is in ’normal WD’ state (Figure 17) and all the phases except the
’normal phase’ are considered as an error.
aaa-037742
FCCU_eout[0]
Reset phase
Normal phase
Error phase
Config. phase
HIZ
FCCU_eout[1]
Figure 13. IO_2:3 MCU error monitoring: bi-stable protocol
• IO_4 is selectable as follows:
Digital input (logic level) sent to the MCU through the SPI. Wake-up input (load dump proof) on rising or falling
edge or based on previous state. Output gate driver (from VPRE) for low-side logic level MOSFET.
• IO_5 is selectable as follows:
Analog input (20 V max.) sent to the MCU through the MUX_OUT pin. Digital input (logic level) sent to the MCU
through the SPI. Wake-up input on rising or falling edge or based on previous state. VKAM output supply.
• IO_4:5 are selectable as follows:
Safety purpose: Digital input (logic level) to perform an IC error monitoring (both IO_4 AND IO_5 are used if
configured as safety inputs, see Figure 14).
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
32 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com