Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 65Page - NXP Semiconductors FS6500 Datasheet HTML 66Page - NXP Semiconductors FS6500 Datasheet HTML 67Page - NXP Semiconductors FS6500 Datasheet HTML 68Page - NXP Semiconductors FS6500 Datasheet HTML 69Page - NXP Semiconductors FS6500 Datasheet HTML 70Page - NXP Semiconductors FS6500 Datasheet HTML 71Page - NXP Semiconductors FS6500 Datasheet HTML 72Page - NXP Semiconductors FS6500 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
VSUP_UV_5
VPRE_EN
VPRE
VPRE_UV
VCCA/VAUX
VCORE
120 µs
1.0 ms
16.5 ms typ
256 ms max
VSUP
LBIST
INTB
(VDDIO=VCORE)
select pin
RSTB
UV Lock-out
1.0 ms
aaa-037782
Figure 53. Start-up scheme
The final value of VAUX and VCCA depends on the hardware configuration (resistor values at the SELECT pin).
The typical start-up sequence takes around 16.5 ms to release RSTB. RSTB can be pulled low after those 16.5
ms by the MCU, if it is not ready to run after power up. See Section 12.7.7 for the VKAM start-up sequence.
12.8 Long duration timer
The device includes a long duration timer, with an integrated oscillator. The timer is configurable by the SPI
and can operate in normal mode and low-power mode. It provides several functions and offers a large range of
counting periods, as well as a calibration mechanism, for internal oscillator compensation.
The timer is not part of the safety circuitry, and is not covered by LBIST (logic built in self-test). However it can
be activated in normal mode, and all prescaler options can be selected, to allow timer circuitry verification. The
timer is based on a 24-bit counter, with a 32768 Hz oscillator, allowing a 1.0 s timebase.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
69 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com