Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 43Page - NXP Semiconductors FS6500 Datasheet HTML 44Page - NXP Semiconductors FS6500 Datasheet HTML 45Page - NXP Semiconductors FS6500 Datasheet HTML 46Page - NXP Semiconductors FS6500 Datasheet HTML 47Page - NXP Semiconductors FS6500 Datasheet HTML 48Page - NXP Semiconductors FS6500 Datasheet HTML 49Page - NXP Semiconductors FS6500 Datasheet HTML 50Page - NXP Semiconductors FS6500 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
INCR WD Refresh counter = 7
aaa-037752
1
POR |
WU from LPOFF
* Assert FS0 if cfg
* Assert RST if cfg
turn off regulators
* DFS if cfg
INCR
WD Refresh counter = 7
WD Refresh counter = 7
RSTB asserted for 8 seconds if cfg
2
0
Figure 23. Fault error counter (FLT_ERR_FS = 1, WD_CNT_RFR = 6)
12.5.3.1 Fault error counter intermediate value
Figure 24 illustrates the fault error counter increment when the watchdog error counter maximum value is
reached.
RSTB
delay time
New fully OPEN
window of 256 ms
1st WD refresh OK after
INIT phase. Start of the
WD window
0
1
1
0
0
0
1
0
1
0
2
4
3
5
4
6
OK
NOK
NOK
OK
NOK
NOK
OK
WD window
WD error
counter
Fault error
counter
RSTB
WD Refresh
counter
aaa-037753
Figure 24. Example of WD operation generating a reset (WD_CNT_ERR = 6)
Figure 25 illustrates the RSTB and FS0B possible behavior at the fault error counter intermediate value
depending on WD_IMPACT_1:0 and FLT_ERR_IMP_1:0 bits configurations:
• #1, WD_IMPACT_1:0 = ’01’ and FLT_ERR_IMP_1:0 = ’01’: WD impact on RSTB only and FS0B is asserted
low if FLT_ERR_CNT ≥ intermediate value
• #2, WD_IMPACT_1:0 = ’10’ and FLT_ERR_IMP_1:0 = ’10’: WD impact on FS0B only and RSTB is asserted
low if FLT_ERR_CNT ≥ intermediate value and WD error counter = WD_CNT_ERR[1:0]
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
47 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com