Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 64Page - NXP Semiconductors FS6500 Datasheet HTML 65Page - NXP Semiconductors FS6500 Datasheet HTML 66Page - NXP Semiconductors FS6500 Datasheet HTML 67Page - NXP Semiconductors FS6500 Datasheet HTML 68Page - NXP Semiconductors FS6500 Datasheet HTML 69Page - NXP Semiconductors FS6500 Datasheet HTML 70Page - NXP Semiconductors FS6500 Datasheet HTML 71Page - NXP Semiconductors FS6500 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
The main contributors to the device power dissipation are the VPRE, VCORE, and VCCA (when used with
an internal PMOS) regulators. In comparison, the power dissipation from the Internal IC, VAUX, and CAN
transceiver are negligible. VPRE power dissipation is mainly induced by the loading of the regulators it is
supplying, mainly VCORE, VCCA, and VAUX which are application dependent. The total device power dissipation,
depending on the variation of these three regulators, is detailed in Figure 52 with the environmental conditions
in the associated table.
3.3 V
3.3 V
6.5 V
0.7 A
3.3 V and 5 V
ICORE + ICCA
+ IAUX + ICAN
6.5 V
3.3 V and 1.2 V
from 0.25 to 1.5 A
ICORE + ICCA
+ IAUX + ICAN
Pdis vs. ICCA
3.3 V
6.5 V
from 0.5 to 2A
0.3 A
3.3 V
Pdis vs. IPRE
Pdis vs. ICORE
IPRE (A)
0.4
2.0
1.6
0.8
1.2
Power dissipation vs. Ipre
0.6
1.0
1.4
Power
dissipation
(W)
0.2
Power dissipation vs. Icore
0.4
0.8
1.2
ICCA (A)
0.01
0.03
0.05
0.07
0.09
0.11
1.1
aaa-037781
Power
dissipation
(W)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ICORE (A)
0.2
0.6
1.0
1.4
0.4
0.8
1.2
1.6
1.4
Power
dissipation
(W)
0.2
Power dissipation vs. Icca
0.4
0.6
0.8
1.0
1.2
50 mA
20 to 100 mA
50 mA
3.3 V
3.3 V
3.3 V
200 mA
200 mA
200 mA
5 V
5 V
5 V
33 mA
33 mA
33 mA
VCORE
VPRE
IPRE
ICORE
VCCA
ICCA
VAUX
IAUX
CAN_5 V
ICAN
VSUP = 14 V, VCORE = 3.3 V
VSUP = 18 V, VCORE = 3.3 V
VSUP = 14 V, VCORE = 1.2 V
VSUP = 18 V, VCORE = 1.2 V
VSUP = 14 V
VSUP = 18 V
VSUP = 14 V, VCCA = 5 V
VSUP = 18 V, VCCA = 5 V
VSUP = 14 V, VCCA = 3.3 V
VSUP = 18 V, VCCA = 3.3 V
Figure 52. Power dissipation versus ICORE, ICCA, or IPRE
12.7.9 Start-up sequence
To provide a safe and well known start-up sequence, the FS6500/FS4500 includes an undervoltage lockout.
This VSUP_UV_5 undervoltage lockout applies when the device is under a power-on reset condition or released
from LPOFF. All the different voltage rails start automatically as described in Figure 53.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
68 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com