Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 31Page - NXP Semiconductors FS6500 Datasheet HTML 32Page - NXP Semiconductors FS6500 Datasheet HTML 33Page - NXP Semiconductors FS6500 Datasheet HTML 34Page - NXP Semiconductors FS6500 Datasheet HTML 35Page - NXP Semiconductors FS6500 Datasheet HTML 36Page - NXP Semiconductors FS6500 Datasheet HTML 37Page - NXP Semiconductors FS6500 Datasheet HTML 38Page - NXP Semiconductors FS6500 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
12.1.1 Buck or buck boost configuration
An external low-side logic level MOSFET (N-type) is required to operate in non-inverting buck-boost converter.
The connection of the external MOSFET is detected automatically during the start-up phase (after a power-on
reset or from LPOFF).
• If the external low-side MOSFET is not connected (GATE_LS pin connected to PGND), the product is
configured as a standard buck converter.
• If the external low-side MOSFET is connected (GATE_LS pin connected to external MOSFET gate), the
product is configured as a non-inverting buck-boost converter.
The automatic detection is done by pushing 300 μA current on Gate_LS pin and monitoring the corresponding
voltage generated. If a voltage >120 mV is detected before the 120 μs timeout, the non-inverting buck-boost
configuration is locked. Otherwise, the standard buck configuration is locked. The boost driver has a current
capability of ±300 mA.
12.1.2 VPRE on
Pre-regulator is an SMPS regulator. In this phase, the pre-regulator is switched on and a soft start with a
specified duration tPRE_SOFT controls the VPRE output capacitor charge.
12.1.3 SELECT pin configuration
This phase detects the required voltage level on VAUX and VCCA, according to the resistor value connected
between the SELECT pin and Ground or VPRE, and configures the deep fail-safe function.
12.1.4 VCORE/VAUX/VCCA on
In this stage, the three regulators VCORE, VAUX, VCCA are switched on at the same time with a specified soft
start duration. The CAN_5V is also started at this time.
12.1.5 INIT main
This mode is automatically entered after the device is ’powered on’. When RSTB is released, initialization
phase starts where the device can be configured via the SPI. During INIT phase, some registers can only be
configured in this mode (see Table 19 and Table 20). Other registers can be written in this mode, and also in
normal mode.
Once the INIT registers configurations are complete, a last register called ’INIT_INT’ must be configured to
switch to normal mode. Writing data in this register (even same default values), automatically locks the INIT
registers, and the product switches automatically to normal mode in the main state machine.
12.1.6 Normal
In this mode, all device functions are available. This mode is entered by a SPI command from the INIT phase by
writing in the INIT_INT register. While in normal mode, the device can be set to low-power mode (LPOFF) using
secured SPI command.
12.1.7 Low-power mode off
The main state machine has three LPOFF modes with different conditions to enter and exit each LPOFF mode,
as described hereafter. After wake-up from LPOFF, all the regulators are enabled by default. In LPOFF, all the
regulators are switched off, except VKAM. The register configuration and the ISO pulse requirement are valid
for the three LPOFF modes.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
35 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com