Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 49Page - NXP Semiconductors FS6500 Datasheet HTML 50Page - NXP Semiconductors FS6500 Datasheet HTML 51Page - NXP Semiconductors FS6500 Datasheet HTML 52Page - NXP Semiconductors FS6500 Datasheet HTML 53Page - NXP Semiconductors FS6500 Datasheet HTML 54Page - NXP Semiconductors FS6500 Datasheet HTML 55Page - NXP Semiconductors FS6500 Datasheet HTML 56Page - NXP Semiconductors FS6500 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
12.6 Input voltage range
Due to the flexibility of the pre-regulator, the device can cover a wide battery input voltage range. However, a
more standard voltage range can still be covered using only the buck configuration.
aaa-037761
No operation
Risk of damage
No operation
Risk of damage
Extended voltage range
Potencial VPRE
thermal limitation
Extended voltage range
Potencial VPRE
thermal limitation
Extended voltage range
VPRE output
current limitation
Extended voltage range
VPRE output
current limitation
No operation
Buck-boost
2.7 V
6.0 V
19 V
28 V
40 V
4.5 V
Buck only
No operation
Extended voltage range
AMUX limitation
Extended voltage range
AMUX limitation
Normal voltage range
Normal voltage range
VSUP
VSUP_UV_7
Figure 32. Input voltage range
• VSUP > 28 V: Potential VPRE thermal limitation
RDS(on), Current limitation and overcurrent detection are specified for VSUP < 28 V.
• VSUP > 19 V: MUX_OUT limitation
VSENSE and IO_0 maximum analog input voltage range is 19 V. Internal 2.5 V reference voltage accuracy
degraded.
• Buck only, VSUP < VSUP_UV_7:
CAN communication is guaranteed for VSUP > 6.0 V. LIN communication stopped when VSUP < 7.0 V if
LIN_J2602_DIS bit is not set. For VCCA and VAUX 5.0 V configuration, undervoltage triggers at low VSUP (See
Section 9, VCCA_UV_5 and VAUX_UV_5).
12.7 Power management operation
A thermal sensor is implemented as close as possible to the pass transistor of each regulator (VPRE, VCORE,
VCCA, VCAN) and an associated individual thermal shutdown (TSD) protects these regulators independently.
When the TSD threshold of a specific regulator is reached, this regulator only is switched off and the information
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
53 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com