Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 76Page - NXP Semiconductors FS6500 Datasheet HTML 77Page - NXP Semiconductors FS6500 Datasheet HTML 78Page - NXP Semiconductors FS6500 Datasheet HTML 79Page - NXP Semiconductors FS6500 Datasheet HTML 80Page - NXP Semiconductors FS6500 Datasheet HTML 81Page - NXP Semiconductors FS6500 Datasheet HTML 82Page - NXP Semiconductors FS6500 Datasheet HTML 83Page - NXP Semiconductors FS6500 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
aaa-037796
VLIN_REC
60 % VSUP
LIN BUS SIGNAL
tREC_PDF
tREC_PDR
VSUP
40 % VSUP
VBUSREC
VBUSDOM
RXD
Figure 67. LIN receiver timings
12.10.4 Fault detection
12.10.4.1 VSUP undervoltage
A VSUP undervoltage (VLIN_UV) detection is implemented to be compliant with SAEJ2602-2(24) standard. At low
VSUP voltage (VSUP<VLIN_UV), the LIN bus goes into recessive state to avoid wrong communication.
12.10.4.2 TXDL permanent dominant (timeout)
If TXDL is set low for a time longer than the tXD_DOM parameter, the LIN driver is disabled and the LIN bus
returns to the recessive state. This prevents the bus from being set in dominant state permanently, in case a
failure sets the TXDL input permanently to a low level.
The LIN receiver continues to operate. The LIN_mode MSB bit is set to 0 and the TXDL_DOM flag is reported in
the DIAG_CAN_LIN register. The device recovers from this error detection after setting the LIN_mode to normal
operation, and when a high level is detected on TXDL. The TXDL failure detection is operating when the LIN
transceiver is in normal mode and listen only mode.
12.10.4.3 RXDL permanent recessive
If RXDL is detected high for seven consecutive receive/dominant cycles, the LIN driver and receiver are
disabled and the LIN bus returns to the recessive state. The LIN_mode MSB bit is set to 0 and the RXDL_REC
flag is reported in the DIAG_CAN_LIN register. The device recovers from this error detection after setting the
LIN_mode to normal operation, and after a LIN dominant transition. The RXDL failure detection is operating
when the LIN transceiver is in normal mode and listen only mode.
12.10.4.4 LIN bus short-circuit
If the LIN bus is dominant for a time longer than tLIN_SHORT_GND, due for instance to an external short-circuit to
GND, the detection is reported to the device main logic. The BUS bus failure detection is operating when the
LIN transceiver is in normal mode and listen only mode.
12.10.4.5 LIN current limitation
In case of a LIN short-circuit to the battery, the current flowing out of the LIN driver is limited to 200 mA
(IBUS_LIM), and the LIN driver is not shutdown. The LIN bus goes into the recessive state when the current
limitation occurs and returns in the same functional mode as before the failure when the current fell below the
current limitation value.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
80 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com