Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 66Page - NXP Semiconductors FS6500 Datasheet HTML 67Page - NXP Semiconductors FS6500 Datasheet HTML 68Page - NXP Semiconductors FS6500 Datasheet HTML 69Page - NXP Semiconductors FS6500 Datasheet HTML 70Page - NXP Semiconductors FS6500 Datasheet HTML 71Page - NXP Semiconductors FS6500 Datasheet HTML 72Page - NXP Semiconductors FS6500 Datasheet HTML 73Page - NXP Semiconductors FS6500 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
aaa-037783
32 kHz
OSC
30 s
488 s
(calibration)
1.0 s (cal: 488 s)
PRESCALER 1
(/16)
24-bit COUNTER
PRESCALER 2
(/2048)
TO
EXTERNAL
INT
MISO
MOSI
SCLK
CSB
to internal:
mode change
(LPOFF, WU)
16 bits: AFTER RUN
REGISTER
24 bits: WAKE UP
REGISTER
CONTROL REGISTER
READ
REGISTER(S)
COMP.
Figure 54. Long duration timer block diagram
12.8.1 Timer characteristics
In normal operation, the timer can count up to 194 days, with 1 second resolution. In calibration mode, the
prescaler 2 is bypassed and the timer can count up to 2.28 hours, with 488 µs resolution. The calibration
principle consists in activation of the counter for a dedicated and accurate duration, due to the MCU accurate
clock and timing. The MCU then reads back the timer count, compares the count versus the accurate time of
activation, then calculates a time offset. It is recommended to perform the calibration between -20 °C and +85
°C.
Osc freq
Osc period
Prescaler
Counter
resolution
Max count
Operation
32768 Hz
30.52 μs
16 x 2048
1 s
4660 Hrs
194 days
Calibration
32768 Hz
30.52 μs
16
488 µs
8192 s
2.28 Hrs
Table 13. Long duration timer characteristics
12.8.2 Calibration procedure
The calibration procedure consists of activating the counter for a specific duration and comparing the result
with the MCU's accurate clock and timing. Once the timer expires, the MCU reads back its final value to
compare with its own accurate time of activation and to calculate a time offset. NXP recommends performing
the calibration between -20 °C and 85 °C.
Calibration example:
• Select the timer function 1 and set the after run value to 65535 (~32 s).
• Start the counter.
• Read the counter when the MCU RTC reaches 20 s (must be less than 30 s with ±5.0 % oscillator accuracy).
• If the oscillator period is at exact typical value (absolutely no deviation error), expected reading is 40960.
• The exact reading calculates the error correction factor ECF = exact_reading/expected_reading.
• ECF < 1 if the oscillator is faster than the exact typical value.
• ECF > 1 if the oscillator is slower than the exact typical value.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
70 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com