Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 69Page - NXP Semiconductors FS6500 Datasheet HTML 70Page - NXP Semiconductors FS6500 Datasheet HTML 71Page - NXP Semiconductors FS6500 Datasheet HTML 72Page - NXP Semiconductors FS6500 Datasheet HTML 73Page - NXP Semiconductors FS6500 Datasheet HTML 74Page - NXP Semiconductors FS6500 Datasheet HTML 75Page - NXP Semiconductors FS6500 Datasheet HTML 76Page - NXP Semiconductors FS6500 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
aaa-037786
CAN_5V MONITOR
DOMINANT
TIME OUT
MODE
AND
CONTROL
main
logic
VDDIO
input
buffer
pre
driver
Rin
Rin
pre
driver
BUS
BIASING
DIFFERENTIAL
RECEIVER
WAKE-UP
RECEIVER
WU report
to main logic
OVERTEMPERATURE
VDDIO
VDDIO
VSUP3
CAN_5V
2.5 V
CAN_5V
TXD
RXD
CAN H
CAN L
Figure 57. CAN simplified block diagram
12.9.1 Operating modes
12.9.1.1 Normal mode
When the CAN mode bit configuration is ’11’ (CAN in normal operation), the device is able to transmit
information from TXD to the bus and report the bus level to the RXD pin. When TXD is high, CANH and CANL
drivers are off and the bus is in the recessive state (unless it is in an application where another device drives
the bus to the dominant state). When TXD is low, the CANH and CANL drivers are on and the bus is in the
dominant state. When the CAN mode bit configuration is ’01’ (CAN in listen only), the device is only able to
report the bus level to the RXD pin. The TXD driver is off and the device is not able to transmit information from
TXD to the bus. TXD is maintained high by an internal pull-up resistor TXDPULL-UP connected to VDDIO.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
73 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com