Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 5Page - NXP Semiconductors FS6500 Datasheet HTML 6Page - NXP Semiconductors FS6500 Datasheet HTML 7Page - NXP Semiconductors FS6500 Datasheet HTML 8Page - NXP Semiconductors FS6500 Datasheet HTML 9Page - NXP Semiconductors FS6500 Datasheet HTML 10Page - NXP Semiconductors FS6500 Datasheet HTML 11Page - NXP Semiconductors FS6500 Datasheet HTML 12Page - NXP Semiconductors FS6500 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
7.2 Pin description
A functional description of each pin can be found in Section 11.
Pin
number
Pin name
Type
Definition
1
VSUP1
A_IN
Power supply of the device. An external reverse battery protection diode in series is
mandatory
2
VSUP2
A_IN
Second power supply. Protected by the external reverse battery protection diode
used for VSUP1. VSUP1 and VSUP2 must be connected together externally.
3
VSENSE
A_IN
Sensing of the battery voltage. Must be connected prior to the reverse battery
protection diode.
4
VSUP3
A_IN
Third power supply dedicated to the device supply. Protected by the external
reverse battery protection diode used for VSUP1. Must be connected between the
reverse protection diode and the input PI filter.
LIN
A_IN/OUT
LIN single-wire bus transmitter and receiver.
or FS1B
D_OUT
Second output of the safety block (active low). The pin is asserted low at start-up
and when a fault condition is detected, with a configurable delay or duration versus
FS0B output terminal. Open drain structure.
5
LIN and FS1B functions are exclusive. The differentiation is made by part numbers. When LIN is available, FS1B
is not, and vice versa. If neither LIN, nor FS1B functions are used, this pin must be left open.
6
GND_COM GROUND
Dedicated ground for physical layers
7
CAN_5V
A_OUT
Output voltage for the embedded CAN FD interface
8
CANH
A_IN/OUT
CAN output high. If CAN function is not used, this pin must be left open.
9
CANL
A_IN/OUT
CAN output low. If CAN function is not used, this pin must be left open.
10
IO_4
D_IN
A_OUT
Can be used as digital input (load dump proof) with wake-up capability or as an
output gate driver
Digital input: Pin status can be read through the SPI. Can be used to monitor error
signals from another IC for safety purposes (when used with IO_5).
Wake-up capability: Can be selectable to wake-up on edges or levels.
Output gate driver: Can drive a logic level low-side NMOS transistor. Controlled by
the SPI.
IO_5/VKAM A_IN
D_IN
A_OUT
Can be used as digital input with wake-up capability or as an analog output
providing keep alive memory supply in low-power mode.
Analog input: Pin status can be read through the MUX output terminal
Digital input: Pin status can be read through the SPI. Can be used to monitor error
signals from another IC for safety purposes (when used with IO_4).
Wake-up capability: Can be selectable to wake-up on edges or levels.
Supply output: Provide keep alive memory supply in low-power mode
11
VKAM can be enabled or disabled by default at power up. The differentiation is made by part numbers.
12
IO_0
A_IN
D_IN
Can be used as analog or digital input (load dump proof) with wake-up capability
(selectable)
Analog input: Pin status can be read through the MUX output terminal
Digital input: Pin status can be read through the SPI.
Wake-up capability: Can be selectable to wake-up on edges or levels.
13
FCRBM
A_IN
Feedback core resistor bridge monitoring: For safety purposes, this pin is used to
monitor the middle point of a redundant resistor bridge connected on VCORE (in
Table 3. FS6500/FS4500 pin definition
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
9 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com