Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 81Page - NXP Semiconductors FS6500 Datasheet HTML 82Page - NXP Semiconductors FS6500 Datasheet HTML 83Page - NXP Semiconductors FS6500 Datasheet HTML 84Page - NXP Semiconductors FS6500 Datasheet HTML 85Page - NXP Semiconductors FS6500 Datasheet HTML 86Page - NXP Semiconductors FS6500 Datasheet HTML 87Page - NXP Semiconductors FS6500 Datasheet HTML 88Page - NXP Semiconductors FS6500 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
Description
Report a LIN event (diagnostic)
0
No event
1
LIN event
LIN_G[4]
Reset condition
Power on reset/when initial event cleared on read
Description
Report a change in IOs state
0
No IO transition
1
IO transition
IO_G[5]
Reset condition
Power on reset/when initial event cleared on read
Description
Report an event from VPRE-REGULATOR and battery monitoring (status change or
failure)
0
No event
1
Event occurred
VPRE_G[6]
Reset condition
Power on reset/when initial event cleared on read
Description
Report an event from VCORE regulator (status change or failure)
0
No event
1
Event occurred
VCORE_G[7]
Reset condition
Power on reset/when initial event cleared on read
Description
Report an event from VCCA, VAUX, or VCAN regulators (status change or failure)
0
No event
1
Event occurred
VOTHERS_G[8]
Reset condition
Power on reset/when initial event cleared on read
Table 17. MISO bits description...continued
[1]
SPI_G = SPI_ERR or SPI_CLK or SPI_REQ or SPI_PARITY or SPI_FS_ERR or SPI_FS_CLK or SPI_FS_REQ or SPI_FS_PARITY
[2]
WU_G = IO_5_WU or IO_4_WU or IO_3_WU or IO_2_WU or IO_0_WU or PHY_WU
[3]
CAN_G = CANH_BATT or CANH_GND or CANL_BATT or CANL_GND or CAN_DOM or RXD_REC or TXD_DOM or CAN_OT or CAN_OC
[4]
LIN_G = LIN_OT or RXDL_REC or TXDL_DOM or LIN_DOM
[5]
IO_G = IO_5 or IO_4 or IO_3 or IO_2 or IO_0
[6]
VPRE_G = VSNS_UV or VSUP_UV_7 or IPFF or ILIM_PRE or TWARN_PRE or BOB or !VPRE_STATE or VPRE_OV or VPRE_UV
[7]
VCORE_G = TWARN_CORE or !VCORE_STATE or VCORE_OV or VCORE_UV
[8]
VOTHERS_G = ILIM_CCA or TWARN_CCA or TSD_CCA or ILIM_CCA_OFF or VCCA_UV or VCCA_OV or ILIM_AUX or TSD_AUX or ILIM_AUX_OFF
or VAUX_OV or VAUX_UV or ILIM_CAN or VCAN_UV or VCAN_OV or TSD_CAN
13.2.3 Fail-safe logic general diagnostic
aaa-037801
MISO
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Extended diagnosis: sent by Main or Fail safe based on bits 15:9 on MOSI
SPI_FS_ERR
SPI_FS_CLK
SPI_FS_REQ SPI_FS_PARITY
Figure 72. MISO SPI bits 7:4
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
85 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com