Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 72Page - NXP Semiconductors FS6500 Datasheet HTML 73Page - NXP Semiconductors FS6500 Datasheet HTML 74Page - NXP Semiconductors FS6500 Datasheet HTML 75Page - NXP Semiconductors FS6500 Datasheet HTML 76Page - NXP Semiconductors FS6500 Datasheet HTML 77Page - NXP Semiconductors FS6500 Datasheet HTML 78Page - NXP Semiconductors FS6500 Datasheet HTML 79Page - NXP Semiconductors FS6500 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
driver. The CAN-bus dominant failure detection is operating when the CAN transceiver is in normal mode and
listen only mode.
12.9.2.4 CAN current limitation
The current flowing in and out of the CANH and CANL driver is limited to 100 mA, in case of a short-circuit
(parameters ICANL-SK and ICANH-SC).
12.9.2.5 CAN overtemperature
If the driver temperature exceeds the TSD (TOT), the CAN drivers are disabled and the CAN-bus returns to
the recessive state. The CAN receiver continues to operate. The CAN_MODE MSB bit is set to 0 and the flag
CAN_OT is reported in the DIAG_CAN_LIN register.
A hysteresis is implemented in this protection feature. The device overtemperature and recovery conditions
are shown in Figure 62. The CAN drivers remain disabled until the temperature has fallen below the OT
threshold minus hysteresis. The device recovers from this error detection after setting the CAN_MODE to
normal operation and when a high level is detected on TXD.
aaa-037791
Event 1
Hysteresis
Hysteresis
Event 2
Event 3
Event 1
Event 2
high
low
Overtemperature threshold
Temperature
TXD
BUS
recessive
dominant
dominant
dominant
Event 3
Event 4
Event 1: overtemperature detection. CAN driver disable.
Event 2: temperature falls below ’overtemp. threshold minus hysteresis’ => CAN driver remains disable.
Event 3: temperature below ’overtemp. threshold minus hysteresis’ and TXD high to low transition ≥ CAN driver enable.
Event 4: temperature above ’overtemp. threshold minus hysteresis’ and TXD high to low transition ≥ CAN driver remains
disable.
Figure 62. Overtemperature behavior
12.9.2.6 Distinguish CAN diagnostics and CAN errors
The CAN errors can generate an interruption while the CAN diagnostics are reported in the digital for
information only. The interruption generated by the CAN errors can be inhibited setting the INT_INH_CAN bit in
the INIT_INH_INT register. The list of CAN diagnostic and CAN error bits is provided in Table 14.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
76 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com