Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 56Page - NXP Semiconductors FS6500 Datasheet HTML 57Page - NXP Semiconductors FS6500 Datasheet HTML 58Page - NXP Semiconductors FS6500 Datasheet HTML 59Page - NXP Semiconductors FS6500 Datasheet HTML 60Page - NXP Semiconductors FS6500 Datasheet HTML 61Page - NXP Semiconductors FS6500 Datasheet HTML 62Page - NXP Semiconductors FS6500 Datasheet HTML 63Page - NXP Semiconductors FS6500 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
aaa-037772
EXT. DEVICES
Converter
RDS(on)
CG
VPRE
tSW_ON
tSW_OFF
Overdrive
VDIODE
600 pF
30 ns
30 ns
10 V
22 µH
57 µF
100 mΩ
60 mΩ
200 mΩ
0.35 V
ESR
COUT_VPRE
COUT_VPRE
L coil
Freq
DCR coil
MOSFET switch
440 kHz
6.50 V
VPRE efficency vs. IPRE
IPRE current (A)
0
2.4
1.6
0.8
2.0
1.2
0.4
88
92
84
96
100
VPRE
efficiency
(%)
80
Figure 43. VPRE efficiency
12.7.2 VCORE voltage regulator
This voltage regulator is a step-down DC–DC converter in the FS6500 series and a linear regulator in the
FS4500 series.
12.7.2.1 VCORE DC–DC converter
The FS6500 voltage regulator is a step-down DC–DC converter operating in voltage control mode. The high-
side switching MOSFET, connected to VPRE, is integrated in the device, and the PWM frequency is fixed
at 2.4 MHz typical. The output voltage is configurable from a 1.0 V to 5.0 V range, and adjustable around
these voltages with an external resistor divider (R3/R4) connected between VCORE and the feedback pin
(FB_CORE) (Figure 44). VCORE = VCORE_FB x ((R3 + R4)/R4).
The voltage accuracy is ±2.0 % (without the external resistor bridge R3/R4 accuracy) and the max output
current is 2.2 A. The stability of the overall converter is done by an external compensation network (R1/C1/R2/
C2) connected to the pin COMP_CORE. It is recommended to use 1.0 % accuracy resistors and set R4 = 8.06
kΩ and adjust R3 to obtain the final VCORE voltage needed for the MCU core supply.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
60 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com