| Electronic Components Datasheet Search |
|
FS6500 Datasheet(PDF) 81 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS6500 Datasheet(HTML) 81 Page - NXP Semiconductors |
|
81 / 153 page ![]() NXP Semiconductors FS6500-FS4500-ASILD Safety power system basis chip with CAN FD and LIN transceivers 12.10.4.6 LIN overtemperature If the driver temperature exceeds TSD (tLIN_SD), the LIN driver is disabled and the LIN bus returns to the recessive state. The LIN receiver continues to operate. The LIN_mode MSB bit is set to 0 and the LIN_OT flag is reported in the DIAG_CAN_LIN register. A hysteresis is implemented in this protection feature. The LIN driver remains disabled until the temperature has fallen below the OT threshold minus hysteresis. The device recovers from this error detection after setting the LIN_mode to normal operation, and when a high level is detected on TXDL. 12.10.4.7 LIN errors The interruption generated by the LIN errors can be inhibited setting INT_INH_LIN bit in INIT_INH_INT register. The list of LIN error bits is provided in Table 15. Register Bit Flag type Effect LIN_DOM Error No impact on LIN transceiver RXDL_REC Error Turn off LIN transceiver TXDL_DOM Error Turn off LIN transceiver DIAG_CAN_LIN LIN_OT Error Turn off LIN transceiver Table 15. LIN error bits 12.10.5 Wake-up mechanism The device can wake-up by a LIN dominant pulse longer than tBUS_WU. Dominant pulse means: a recessive to dominant transition, wait for t > tBUS_WU, then a dominant to recessive transition. aaa-037797 VLIN_REC VLIN_REC VLIN_DOM tBUS_WU VBUS_WU LIN Wake-up validation Figure 68. LIN wake-up pattern illustration FS6500-FS4500-ASILD All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 8 — 5 August 2024 Document feedback 81 / 153 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |