Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 80Page - NXP Semiconductors FS6500 Datasheet HTML 81Page - NXP Semiconductors FS6500 Datasheet HTML 82Page - NXP Semiconductors FS6500 Datasheet HTML 83Page - NXP Semiconductors FS6500 Datasheet HTML 84Page - NXP Semiconductors FS6500 Datasheet HTML 85Page - NXP Semiconductors FS6500 Datasheet HTML 86Page - NXP Semiconductors FS6500 Datasheet HTML 87Page - NXP Semiconductors FS6500 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
Description
Set if it is a read or write command
0
Read
R/W
1
Write
Description
Split the addresses between fail-safe state machine and main logic
0
Main
M/FS
1
Fail-safe
Description
Set the address to read or write
0
A4:0
1
See register mapping
Description
Parity bit (only use in write mode). Set to 0 in read mode
0
Number of ’1’ (bit 15:9 and bit 7:0) is odd
P
1
Number of ’1’ (bit 15:9 and bit 7:0) is even
Description
Data in write mode. Must be set to 00h in read mode
0
D7:0
1
See register details
Table 16. MOSI bits description
13.2.2 Main logic general diagnostic
aaa-037800
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
SPI_G
WU_G
CAN_G
LIN_G
IO_G
VPRE_G
VCORE_G
MISO
VOTHERS_G
Bits 15:8 alwayssent by Main digital
Figure 71. MISO SPI bits 15:8
Description
Report an error in the SPI communication
0
No failure
1
Failure
SPI_G[1]
Reset condition
Power on reset/read
Description
Report a wake-up event. Logical OR of all wake-up sources
0
No WU_G event
1
WU_G event
WU_G[2]
Reset condition
Power on reset/when initial event cleared on read
Description
Report a CAN event (diagnostic)
0
No event
1
CAN event
CAN_G[3]
Reset Condition
Power on reset/when initial event cleared on read
Table 17. MISO bits description
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
84 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com