Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 58Page - NXP Semiconductors FS6500 Datasheet HTML 59Page - NXP Semiconductors FS6500 Datasheet HTML 60Page - NXP Semiconductors FS6500 Datasheet HTML 61Page - NXP Semiconductors FS6500 Datasheet HTML 62Page - NXP Semiconductors FS6500 Datasheet HTML 63Page - NXP Semiconductors FS6500 Datasheet HTML 64Page - NXP Semiconductors FS6500 Datasheet HTML 65Page - NXP Semiconductors FS6500 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
aaa-037774
FB_CORE
R3
R4
VCORE voltage
PGND
GND
R3b
R4b
GND
FCRBM
activate RSTB
and/or FSxB
Figure 45. Feedback core resistor bridge monitoring (FCRBM)
If the second resistor bridge (R3b/R4b) is not mounted, FCRBM must be connected directly to FB_CORE to
satisfy FB_CORE = FCRBM in all conditions.
12.7.2.5 VCORE efficiency
VCORE efficiency versus current load is given for information based on typical external component criteria
described in Figure 46, close to the graph and at three typical VCORE voltages (5.0 V, 3.3 V, and 1.2 V),
covering most of the MCU supply ranges. The efficiency is valid above a 200 mA load on VCORE to be in
continuous mode in the 2.2 µH inductor. The efficiency is calculated and has to be verified by measurement
at the application level. One major contributor degrading the efficiency at VCORE = 1.2 V is the external diode
during the recirculation phase. The lower the diode forward voltage (VF) is, the better the efficiency.
aaa-037775
EXT. Devices
Converter
RDS(on)
CG
VCORE
tSW_ON
tSW_OFF
Overdrive
VDIODE
300 pF
12 ns
12 ns
10.0 V
2.2 µH
20 µF
5.0 mΩ
20 mΩ
200 mΩ
0.35 V
ESR
COUT_VCORE
COUT_VCORE
L coil
Freq
DCR coil
MOSFET switch
2400 kHz
1.2 V, 3.3 V, 5.0 V
VCORE Efficency vs. ICORE
ICORE current (A)
0
2.4
1.6
0.8
2.0
1.2
0.4
65
75
55
85
95
VCORE
efficiency
(%)
45
VCORE = 1.2 V
VCORE = 5.0 V
VCORE = 3.3 V
Figure 46. VCORE efficiency
12.7.2.6 VCORE linear regulator
The FS4500 voltage regulator is a linear regulator. The pass device, connected to VPRE, is integrated. The
output voltage range is configurable from 1.0 V to 5.0 V, and adjustable around these voltages with an external
resistor divider (R3/R4) connected between VCORE and the feedback pin (FB_CORE) (see Figure 47). VCORE =
VCORE_FB x ((R3 + R4)/R4).
The voltage accuracy is ±2.0 % (without the external resistor bridge R3/R4 accuracy) and the max. output
current is 0.5 A. In this case, the BOOT_CORE and COMP_CORE pins (used in buck converter mode only)
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
62 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com