Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # FS6500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 54Page - NXP Semiconductors FS6500 Datasheet HTML 55Page - NXP Semiconductors FS6500 Datasheet HTML 56Page - NXP Semiconductors FS6500 Datasheet HTML 57Page - NXP Semiconductors FS6500 Datasheet HTML 58Page - NXP Semiconductors FS6500 Datasheet HTML 59Page - NXP Semiconductors FS6500 Datasheet HTML 60Page - NXP Semiconductors FS6500 Datasheet HTML 61Page - NXP Semiconductors FS6500 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
12.7.1.4 Input power feed forward condition
To improve the converter efficiency during high input power conditions, the VPRE switching frequency is
reduced from 440 kHz to 220 kHz, when VSUP > VSUP_IPFF, to decrease the switching losses. The transition
between the two frequencies is transparent for the application.
aaa-037770
VPRE_FSW
VSUP
IPFF
440 kHz
440 kHz
220 kHz
VSUP_IPFF
VSUP_IPFF
Figure 41. Input power feed forward principle
12.7.1.5 Overcurrent detection and current limitation
12.7.1.5.1 Overcurrent protection:
To ensure the integrity of the high-side MOSFET, an overcurrent detection is implemented. The regulator is
switched off by the main state machine when the IPRE_OC overcurrent detection threshold is reached three
consecutive times. The overcurrent detection is blanked when the pass transistor is switched on during tPRE_OC
to avoid parasitic switch off of the high-side gate driver.
The VPRE output voltage decrease causes an undervoltage condition on one of the cascaded regulators
(VCORE, VCCA, VAUX) and brings the device into fail-safe state. The overcurrent protects the regulator in case
the SW_PRE pin is shorted to GND. The overcurrent works in buck mode only.
12.7.1.5.2 Current limitation:
A current limitation is also implemented to avoid uncontrolled power dissipation inside the device (duty cycle
control) and limits the current. VPRE current limitation is automatically set based on the buck or buck-boost
configuration. In buck only mode, the lowest current limitation IPRE_LIM2 is applied while in buck-boost mode,
the highest current limitation IPRE_LIM1 is applied. The current limitation is blanked when the pass transistor is
switched on during tPRE_BLK_LIM to allow short-circuit detection on the SW_PRE pin.
When IPRE_LIM threshold is reached during buck mode, the high-side integrated MOSFET is switched off. When
the IPRE_LIM threshold is reached during boost mode, the external low-side MOSFET is switched off. In both
cases, the MOSFET is not switched on again before the next rising edge of the switching clock.
The current limitation induces a duty cycle reduction and leads to the VPRE output voltage gradually dropping,
which may cause an undervoltage condition on one of the cascaded regulators (VCORE, VCCA, VAUX) and
bring the device to the fail-safe state. The current limitation does not switch off the regulator. The current
limitation protects the regulator when the VPRE pin is shorted to GND.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
58 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com