Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 13Page - Texas Instruments TPS62870 Datasheet HTML 14Page - Texas Instruments TPS62870 Datasheet HTML 15Page - Texas Instruments TPS62870 Datasheet HTML 16Page - Texas Instruments TPS62870 Datasheet HTML 17Page - Texas Instruments TPS62870 Datasheet HTML 18Page - Texas Instruments TPS62870 Datasheet HTML 19Page - Texas Instruments TPS62870 Datasheet HTML 20Page - Texas Instruments TPS62870 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
Q
VIN
VOSNS
GOSNS
gm
–
+
Gate
Driver
R
S
Control
Logic
ON
EN
+
–
RLOAD
τ
aux
RZ
CC
CC2
fsw
COMP
COUT
L
Slope
Compensation
Figure 7-1. Fixed-Frequency DCS-Control Topology (Simplified)
7.3.2 Forced PWM and Power Save Modes
The device can control the inductor current in three different ways to regulate the output:
• Pulse-width modulation with continuous inductor current (PWM-CCM)
• Pulse-width modulation with discontinuous inductor current (PWM-DCM)
• Pulse-frequency modulation with discontinuous inductor current and pulse skipping (PFM-DCM)
The on-time in PWM-CCM is set by Equation 1. For very small output voltages, a minimum on time (ton, min)
of approximately 50ns reduces the switching frequency from the set value. Even when the minimum on-time is
reached, the device maintains proper output voltage regulation by extending the off-time.
tON= VOUT
VIN× fSW
(1)
During PWM-CCM operation, the device switches at a constant frequency and the inductor current is continuous
(see Figure 7-2). PWM operation achieves the lowest output voltage ripple and the best transient performance.
t1/f
SWt
Time
0
Figure 7-2. Continuous Conduction Mode (PWM-CCM) Current Waveform
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com