Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 20Page - Texas Instruments TPS62870 Datasheet HTML 21Page - Texas Instruments TPS62870 Datasheet HTML 22Page - Texas Instruments TPS62870 Datasheet HTML 23Page - Texas Instruments TPS62870 Datasheet HTML 24Page - Texas Instruments TPS62870 Datasheet HTML 25Page - Texas Instruments TPS62870 Datasheet HTML 26Page - Texas Instruments TPS62870 Datasheet HTML 27Page - Texas Instruments TPS62870 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
Table 7-5. Default Output Voltage Setpoints (continued)
VSEL PIN(1)
DEVICE NUMBER
VSET[7:0]
OUTPUT VOLTAGE SETPOINT
Short Circuit to GND
All
0x46
750mV
Short Circuit to VIN
All
0x5F
875mV
47 kΩ to VIN
TPS6287xZ0
0x50
800mV
TPS6287xZ1
0x64
900mV
TPS6287xZ2
0x82
1050mV
TPS6287xZ4
0x78
1000mV
TPS6287xZ5
0x00
400mV
(1)
For a reliable voltage setting, make sure there is no stray current path connected to the VSEL pin and that the parasitic capacitance
between the VSEL pin and GND is less than 100pF.
If the user programs new output voltage setpoint (VSET[7:0]), output voltage range (VRANGE[1:0]), or soft-start
time (SSTIME[1:0]) settings when the device has already begun the soft-start sequence, the device ignores the
new values until the soft-start sequence is complete. If the user changes the value of VSET[7:0] during soft start,
the device first ramps to the value that VSET[7:0] had when the soft-start sequence began. Then, when soft start
is complete, ramps up or down to the new value.
If the user changes VSET[7:0], VRAMP[1:0], or SSTIME[1:0] while EN is low, the device uses the new values the
next time the user enables the device.
During start-up, the output voltage ramps up to the target value set by the VSEL pin before ramping up or down
to any new value programmed to the device over the I2C interface.
7.3.6.3 Non-Default Output Voltage Setpoint
If none of the default voltage range or voltage setpoint combinations are suitable for the application, the user can
change these device settings through I2C before the user enables the device. Then, when the user pulls the EN
pin high, the device starts up with the desired start-up voltage.
Note that if the user changes the device settings through I2C while the device is ramping, the device ignores the
changes until the ramp is complete.
7.3.6.4 Dynamic Voltage Scaling
If the user changes the output voltage setpoint while the DC/DC converter is operating, the device ramps up or
down to the new voltage setting in a controlled way.
The VRAMP[1:0] bits in the CONTROL1 register sets the slew rate when the device ramps from one voltage to
another during DVS (see Table 7-6).
Table 7-6. Dynamic Voltage Scaling Slew Rate
VRAMP[1:0]
DVS Slew Rate
0b00
10mV/μs (0.5μs/step)
0b01
5mV/μs (1μs/step)
0b10
1.25mV/μs (5μs/step)
0b11
0.5mV/μs (10μs/step)
Note that ramping the output to a higher voltage requires additional output current, so that during DVS, the
converter must generate a total output current given by:
IOUT=IOUTDC +COUTdVOUTdt
(4)
where
• IOUT is the total current the converter must generate while ramping to a higher voltage.
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com