Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 15Page - Texas Instruments TPS62870 Datasheet HTML 16Page - Texas Instruments TPS62870 Datasheet HTML 17Page - Texas Instruments TPS62870 Datasheet HTML 18Page - Texas Instruments TPS62870 Datasheet HTML 19Page - Texas Instruments TPS62870 Datasheet HTML 20Page - Texas Instruments TPS62870 Datasheet HTML 21Page - Texas Instruments TPS62870 Datasheet HTML 22Page - Texas Instruments TPS62870 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
Output Voltage (V)
fsw = 2.25MHz and L = 110nH
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
0
0.05
0.1
0.15
0.2
0.25
0.3
Vin = 2.7 V
Vin = 3.3 V
Vin = 5 V
Figure 7-5. Output Current PFM-DCM Entry Threshold
The user can configure the device to use either forced PWM (FPWM) mode or power save mode (PSM):
• In forced PWM mode, the device uses PWM-CCM at all times.
• In power save mode, the device uses PWM-CCM at medium and high loads, PWM-DCM at low loads, and
PFM-DCM at very low loads. The transition between the different operating modes is seamless.
Table 7-1 shows the function table of the MODE/SYNC pin and the FPWMEN bit in the CONTROL1 register,
which control the operating mode of the device.
Table 7-1. FPWM Mode and Power-Save Mode Selection
MODE/SYNC PIN
FPWMEN BIT
OPERATING MODE
REMARK
Low
0
PSM
Do not use in a stacked
configuration.
1
FPWM
High
X
FPWM
Sync Clock
X
FPWM
7.3.3 Precise Enable
The Enable (EN) pin is bidirectional and has two functions:
• As an input, EN enables and disables the DC/DC converter in the device.
• As an output, EN provides a SYSTEM_READY signal to other devices in a stacked configuration.
+
–
SYSTEM_READY
VIT(EN)
ENABLE
EN
CONTROL3:SINGLE
Figure 7-6. Enable Functional Block Diagram
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com