Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 19Page - Texas Instruments TPS62870 Datasheet HTML 20Page - Texas Instruments TPS62870 Datasheet HTML 21Page - Texas Instruments TPS62870 Datasheet HTML 22Page - Texas Instruments TPS62870 Datasheet HTML 23Page - Texas Instruments TPS62870 Datasheet HTML 24Page - Texas Instruments TPS62870 Datasheet HTML 25Page - Texas Instruments TPS62870 Datasheet HTML 26Page - Texas Instruments TPS62870 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
To detect the least significant bit (LSB):
• If the MSB was 0, the circuit closes S1. If the input buffer detects a high level, LSB = 1. If the circuit detects a
low level, LSB = 0.
• If the MSB was 1, the circuit closes S2. If the input buffer detects a low level, LSB = 0. If the circuit detects a
high level, LSB = 1.
7.3.6 Output Voltage Setting
7.3.6.1 Output Voltage Range
The device has four different voltage ranges. The VRANGE[1:0] bits in the CONTROL2 register control which
range is active (see Table 7-3). The default output voltage range after device initialization is 0.4V to 1.675V in
5mV steps.
Table 7-3. Voltage Ranges
VRANGE[1:0]
VOLTAGE RANGE
0b00
0.4V to 0.71875V in 1.25mV steps
0b01
0.4V to 1.0375V in 2.5mV steps
0b10
0.4V to 1.675V in 5mV steps
0b11
0.8V to 3.3V in 10mV steps
Note that every change to the VRANGE[1:0] bits must be followed by a write to the VSET register, even if the
value of the VSET[7:0] bits does not change. This sequence is required for the device to start to use the new
voltage range.
When changing to or from the 0.8V to 3.35V range, the device switches the internal reference between 0.4V and
0.8V. To avoid any output voltage over or undershoot that can occur during the change, the VRANGE change
must be done at an output voltage that occurs in both the new range and old range and the VSET[7:0] bits must
set the same output voltage in both the new range and old range.
For proper operation, the input voltage needs to be at least 1.4V above the selected output voltage.
In device variants that do not have I2C, the output voltage range is factory-set to 0.4V to 1.675V.
7.3.6.2 Output Voltage Setpoint
Together with the selected range, the VSET[7:0] bits in the VSET register control the output voltage setpoint of
the device (see Table 7-4).
Table 7-4. Start-Up Voltage Settings
VRANGE[1:0]
OUTPUT VOLTAGE SETPOINT
0b00
0.4V + VSET[7:0] × 1.25mV
0b01
0.4V + VSET[7:0] × 2.5mV
0b10
0.4V + VSET[7:0] × 5mV
0b11
0.8V + VSET[7:0] × 10mV
During initialization, the device reads the state of the VSEL pin and selects the default output voltage according
to Table 7-5 . Note that the VSEL pin also selects the I2C target address of the device (see Table 7-10).
Table 7-5. Default Output Voltage Setpoints
VSEL PIN(1)
DEVICE NUMBER
VSET[7:0]
OUTPUT VOLTAGE SETPOINT
6.2 kΩ to GND
TPS6287xZ0
0x50
800mV
TPS6287xZ1
0x28
600mV
TPS6287xZ2
0x14
500mV
TPS6287xZ4
0x5A
850mV
TPS6287xZ5
0x00
400mV
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com