Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 41 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 37Page - Texas Instruments TPS62870 Datasheet HTML 38Page - Texas Instruments TPS62870 Datasheet HTML 39Page - Texas Instruments TPS62870 Datasheet HTML 40Page - Texas Instruments TPS62870 Datasheet HTML 41Page - Texas Instruments TPS62870 Datasheet HTML 42Page - Texas Instruments TPS62870 Datasheet HTML 43Page - Texas Instruments TPS62870 Datasheet HTML 44Page - Texas Instruments TPS62870 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
8.3 CONTROL2 Register (Address = 2h) [Reset = 9h]
CONTROL2 is shown in Figure 8-3 and described in Table 8-5.
Return to the Summary Table.
This register controls various device configuration options.
Figure 8-3. CONTROL2 Register
7
6
5
4
3
2
1
0
RESERVED
VRANGE
SSTIME
R-0000b
R/W-10b
R/W-01b
Table 8-5. CONTROL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0000b
Reserved for future use. For compatibility with future device variants,
program these bits to 0.
3-2
VRANGE
R/W
10b
Output voltage range
00b = 0.4V to 0.71875V in 1.25mV steps
01b = 0.4V to 1.0375V in 2.5mV steps
10b = 0.4V to 1.675V in 5mV steps
11b = 0.8V to 3.35V in 10mV steps
1-0
SSTIME
R/W
01b
Soft-start ramp time
00b = 0.5ms
01b = 1ms
10b = 2ms
11b = 4ms
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com