Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 6Page - Texas Instruments TPS62870 Datasheet HTML 7Page - Texas Instruments TPS62870 Datasheet HTML 8Page - Texas Instruments TPS62870 Datasheet HTML 9Page - Texas Instruments TPS62870 Datasheet HTML 10Page - Texas Instruments TPS62870 Datasheet HTML 11Page - Texas Instruments TPS62870 Datasheet HTML 12Page - Texas Instruments TPS62870 Datasheet HTML 13Page - Texas Instruments TPS62870 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
6.5 Electrical Characteristics (continued)
over operating junction temperature (TJ = –40°C to 125°C) and VIN = 2.7V to 6V. Typical values at VIN = 3.3V and TJ = 25°C
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT–
Negative-going power-on reset threshold
1.4
V
TSD
Thermal shutdown threshold temperature TJ rising
170
°C
Thermal shutdown hysteresis
20
°C
TW
Thermal warning threshold temperature
TJ rising
150
°C
Thermal warning hysteresis
20
°C
CONTROL and INTERFACE
VIT+
Positive-going input threshold voltage
(EN)
0.97
1.0
1.03
V
VIT–
Negative-going input threshold voltage
(EN)
0.87
0.9
0.93
V
Vhys
Hysteresis voltage (EN)
95
mV
IIH
High-level input current (EN)
VIH = VIN, internal pulldown resistor
disabled
200
nA
IIL
Low-level input current (EN)
VIL = 0V, internal pulldown resistor
disabled
–200
nA
VIH
High-level input voltage (SDA, SCL,
MODE/SYNC, VSEL, FSEL, SYNC_OUT)
0.8
V
VIL
Low-level input voltage (SDA, SCL,
MODE/SYNC, VSEL, FSEL, SYNC_OUT)
0.4
V
VOL
Low-level output voltage (SDA)
IOL = 3mA
0.4
V
IOL = 9mA
0.4
V
IOL = 5mA
0.2
V
IOH
High-level output current (SDA, SCL)
VOH = 3.3V
200
nA
IIL
Low-level input current (MODE/SYNC)
VIL = 0V
–150
150
nA
IIH
High-level input current (MODE/SYNC)
VIH = VIN
3
µA
IIL
Low-level input current (SYNC_OUT)
VIL = 0V
–250
nA
IIH
High-level input current (SYNC_OUT)
VIH = 2V
150
nA
CIN_SDA_
SCL
Parasitic input capacitance on SDA and
SCL pins
10
pF
td(EN)1
Enable delay time when EN tied to VIN
Measured from when EN goes high to
when device starts switching
SRVIN = 1V/µs
175
500
µs
td(EN)2
Enable delay time when VIN already
applied
Measured from when EN goes high to
when device starts switching
100
µs
td(RAMP)
Output voltage ramp time
Measured from when device starts
switching to rising edge of PG
0.35
0.5
0.65
ms
0.7
1
1.3
ms
1.4
2
2.6
ms
2.8
4
5.2
ms
Time to lock external frequency
50
µs
Internal pullup resistance (VSEL, FSEL)
5.5
9
kΩ
Internal pulldown resistance (VSEL,
FSEL)
1.3
2.2
kΩ
VT+
Positive-going power good threshold
voltage (output undervoltage)
94
96
98 %VOUT
VT–
Negative-going power good threshold
voltage (output undervoltage)
92
94
96 %VOUT
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com