Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 31 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 27Page - Texas Instruments TPS62870 Datasheet HTML 28Page - Texas Instruments TPS62870 Datasheet HTML 29Page - Texas Instruments TPS62870 Datasheet HTML 30Page - Texas Instruments TPS62870 Datasheet HTML 31Page - Texas Instruments TPS62870 Datasheet HTML 32Page - Texas Instruments TPS62870 Datasheet HTML 33Page - Texas Instruments TPS62870 Datasheet HTML 34Page - Texas Instruments TPS62870 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
Primary Device
VIN
VIN
MODE/SYNC
CIN
REN
EN
RFSEL
VSEL
SDA
SCL
VIO
I
2C
VIN
2.7 V to 6 V
COUT
SW
100 nH
VOSNS
GOSNS
RCOMP
CCOMP
COMP
PG
RPG
PG
VIO
RVSEL
FSEL
SYNC_OUT
GND
GND
Secondary Device
VIN
VIN
MODE/SYNC
CIN
EN
RFSEL
VSEL
SDA
SCL
COUT
SW
100 nH
GOSNS
VOSNS
COMP
PG
FSEL
SYNC_OUT
47 k
GND
GND
Load
CLOAD
10 pF
10 pF
10 pF
1 k
Figure 7-15. Two TPS6287x Devices in a Stacked Configuration
The key points to note are:
• All the devices in the stack share a common enable signal, which must be pulled up with a resistance of at
least 15kΩ.
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com