Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 45 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 41Page - Texas Instruments TPS62870 Datasheet HTML 42Page - Texas Instruments TPS62870 Datasheet HTML 43Page - Texas Instruments TPS62870 Datasheet HTML 44Page - Texas Instruments TPS62870 Datasheet HTML 45Page - Texas Instruments TPS62870 Datasheet HTML 46Page - Texas Instruments TPS62870 Datasheet HTML 47Page - Texas Instruments TPS62870 Datasheet HTML 48Page - Texas Instruments TPS62870 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Table 9-1. Design Parameters (continued)
SYMBOL
PARAMETER
VALUE
TOLτ
Tolerance of the internal timing parameter
±30%
kBW
Ratio of switching frequency to converter bandwidth (must be ≥ 4)
4
Nɸ
Number of phases
1
Preliminary Calculations
The maximum allowable deviation of the power supply is ±3.3%. The DC accuracy of the TPS6287x is specified
as ±1%, therefore, the maximum output voltage variation during a transient is given by:
∆VOUT=±VOUT× 3.3% –1% =±17.25mV
(6)
9.2.2 Detailed Design Procedure
The following subsections describe how to calculate the external components required to meet the specified
transient requirements of a given application. The calculations include the worst-case variation of components
and use the RMS method to combine the variation of uncorrelated parameters.
9.2.2.1 Selecting the Inductor
TPS6287x devices are optimized for inductors in the range 50nH to 300nH. If the transient response of the
converter is limited by the slew rate of the current in the inductor, using a smaller inductor can improve
performance. However, the output ripple current increases as the value of the inductor decreases, and higher
output current ripple generates higher output voltage ripple, which adds to the transient overshoot or undershoot.
The optimal configuration for a given application is always a trade-off between a number of parameters. TI
recommends a starting value of 110nH for typical applications.
The peak-to-peak inductor current ripple is given by:
ILPP =VOUTVIN VIN – VOUT
Nɸ×L×fsw
(7)
ILPP =0.753.3 3.3 –0.75
1×110×10–9×2.25×106 =2.342A
(8)
Table 9-2 lists a number of inductors designed for use with this application. This list is not exhaustive and other
inductors from other manufacturers can also be an excellent choice.
Table 9-2. List of Recommended Inductors
INDUCTANCE
CURRENT RATING
DIMENSIONS
DC RESISTANCE
PART NUMBER(1)
(ISAT AT 25°C)
(L × W × H)
92nH
24A
4 × 4 × 1.2mm
5.2mΩ (typical)
Coilcraft, XEL4012-920NE
100nH
30A
4 × 4 × 3.2mm
1.5mΩ (typical)
Coilcraft, XEL4030-101ME
110nH
29A
4 × 4 × 2.1mm
1.4mΩ (typical)
Coilcraft, XGL4020-111ME
110nH
29A
3.2 × 2.5 × 2.5mm
1.9mΩ (typical)
TDK, CLT32-R11
55nH
39.5A
3.2 × 2.5 × 2.5mm
1.0mΩ (typical)
TDK, CLT32-55N
110nH
17.0A
3.2 × 2.5 × 2.5mm
3.0mΩ (typical)
Cyntec, VCTA32252E-R11MS6
100nH
25A
4.2 × 4.0 × 2.1mm
1.9mΩ (typical)
Cyntec, VCHA042A-R10MS62M
100nH
44A
5.45 × 5.25 × 2.8mm
0.8mΩ (typical)
Cyntec, VCHW053T-R10NMS5
(1)
See Section 10.1.1.
9.2.2.2 Selecting the Input Capacitors
As with all buck converters, the input current of the TPS6287x devices is discontinuous. The input capacitors
provide a low-impedance energy source for the device, and the value, type, and location are critical for correct
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com