Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 48 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 44Page - Texas Instruments TPS62870 Datasheet HTML 45Page - Texas Instruments TPS62870 Datasheet HTML 46Page - Texas Instruments TPS62870 Datasheet HTML 47Page - Texas Instruments TPS62870 Datasheet HTML 48Page - Texas Instruments TPS62870 Datasheet HTML 49Page - Texas Instruments TPS62870 Datasheet HTML 50Page - Texas Instruments TPS62870 Datasheet HTML 51Page - Texas Instruments TPS62870 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
When calculating worst-case component values, use the value calculated above as the minimum output
capacitance required. For ceramic capacitors, the maximum capacitance when considering tolerance, DC bias,
temperature, and aging effects is typically two times the minimum capacitance. In this case, the maximum
capacitance COUT(max) is 406μF.
Table 9-4. List of Recommended Output Capacitors
CAPACITANCE
DIMENSIONS
VOLTAGE RATING
MANUFACTURER, PART NUMBER(1)
MM (INCH)
22μF ±20%
2012 (0805)
6.3V
TDK, CGA4J1X7T0J226M125AC
22μF ±10%
2012 (0805)
6.3V
Murata, GCM31CR71A226KE02
47μF ±20%
3216 (1206)
4V
TDK, CGA5L1X7T0G476M160AC
47μF ±20%
2012 (1210)
6.3V
Murata, GCM32ER70J476ME19
100μF ±20%
3225 (1210)
4V
TDK, CGA6P1X7T0G107M250AC
100μF ±20%
3216 (1210)
6.3V
Murata, GRT32EC70J107ME13
(1)
See Section 10.1.1.
9.2.2.5 Selecting the Compensation Capacitor, CC
First, use Equation 19 to calculate the bandwidth of the inner loop:
BWINNER= τ
2π× LNɸ×COUTmax
(19)
BWINNER= 12.5×10–6
2π×110×10–91×406×10–6=45kHz
(20)
Next, calculate the product of gmRZ:
gm×RZ=1.5×10–3×2.4×103=3.6
(21)
If gmRZ > than 1, use Equation 22 to calculate the recommended value of CC. If gmRZ < 1, use Equation 24 to
calculate the recommended value of CC.
CC= 2
π×BWINNER×gm×RZ2
(22)
CC=
2
π×45×103×1.5×10–3× 2.4×1032=1.638nF
(23)
The closest standard value from the E12 series is 1.8nF.
CC= 2×gm
π×BWINNER
(24)
9.2.2.6 Selecting the Compensation Capacitor, CC2
The compensation capacitor, CC2, is an optional capacitor that TI recommends the user include to bypass high-
frequency noise away from the COMP pin. The value of this capacitor is not critical; 10pF or 22pF capacitors are
an excellent choice for typical applications.
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com